Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9381PS/N2 Arkusz danych(PDF) 16 Page - NXP Semiconductors

Numer części TDA9381PS/N2
Szczegółowy opis  TV signal processor-Teletext decoder with embedded m-Controller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9381PS/N2 Arkusz danych(HTML) 16 Page - NXP Semiconductors

Back Button TDA9381PS/N2 Datasheet HTML 12Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 13Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 14Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 15Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 16Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 17Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 18Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 19Page - NXP Semiconductors TDA9381PS/N2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 118 page
background image
2001 Jan 18
16
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA935X/6X/8X PS/N2 series
ET1
Enable Timer 1 Interrupt.
EX1
Enable External Interrupt 1.
ET0
Enable Timer 0 Interrupt.
EX0
Enable External Interrupt 0.
IEN1
84H
-------
ET2
00H
ET2
Enable Timer 2 Interrupt.
IP
B8H
0
PBUSY
PES2
PCC
PT1
PX1
PT0
PX0
00H
PBUSY
Priority EBUSY Interrupt.
PES2
Priority ES2 Interrupt.
PCC
Priority ECC Interrupt.
PT1
Priority Timer 1 Interrupt.
PX1
Priority External Interrupt 1.
PT0
Priority Timer 0 Interrupt.
PX0
Priority External Interrupt 0.
IP1
85H
-------
PT2
00H
PT2
Priority Timer 2 Interrupt.
P0
80H
Reserved
P0<6>
P0<5>
Reserved
Reserved
Reserved
Reserved
Reserved
FFH
P0<6:5>
Port 0 I/O register connected to external pins.
P1
90H
P1<7>
P1<6>
Reserved
Reserved
P1<3>
P1<2>
P1<1>
P1<0>
FFH
P1<7:6>
Port 1 I/O register connected to external pins.
P1<3:0>
Port 1 I/O register connected to external pins.
P2
A0H
Reserved
P2<6>
P2<5>
P2<4>
P2<3>
P2<2>
P2<1>
P2<0>
FFH
P2<6:0>
Port 2 I/O register connected to external pins.
P3
B0H
Reserved
Reserved
Reserved
Reserved
P3<3>
P3<2>
P3<1>
P3<0>
FFH
P3<3:0>
Port 3 I/O register connected to external pins.
P0CFGA
96H
Reserved
P0CFGA<6>
P0CFGA<5>
Reserved
Reserved
Reserved
Reserved
Reserved
FFH
P0CFGB
97H
Reserved
P0CFGB<6>
P0CFGB<5>
Reserved
Reserved
Reserved
Reserved
Reserved
00H
P0CFGB<x>/P0CFGA<x> = 00
MODE 0 Open Drain.
P0CFGB<x>/P0CFGA<x> = 01
MODE 1 Quasi Bi-Directional.
P0CFGB<x>/P0CFGA<x> = 10
MODE2 High Impedance.
P0CFGB<x>/P0CFGA<x> = 11
MODE3 Push Pull.
P1CFGA
9EH
P1CFGA<7>
P1CFGA<6>
Reserved
Reserved
P1CFGA<3>
P1CFGA<2>
P1CFGA<1>
P1CFGA<0>
FFH
P1CFGB
9FH
P1CFGB<7>
P1CFGB<6>
Reserved
Reserved
P1CFGB<3>
P1CFGB<2>
P1CFGB<1>
P1CFGB<0>
00H
Names
ADD
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com