Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 28 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 28 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 24Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 25Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 26Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 27Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 28Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 29Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO66
0, 4, 8, 12
K17
112
61
I/O
General-purpose input/output 66
(3)
EM1D18
2
I/O
External memory interface 1 data line 18
EM2D2
3
I/O
External memory interface 2 data line 2
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
SPISTEB
15
I/O
SPI-B slave transmit enable
(2)
GPIO67
0, 4, 8, 12
B19
132
–
I/O
General-purpose input/output 67
EM1D17
2
I/O
External memory interface 1 data line 17
EM2D1
3
I/O
External memory interface 2 data line 1
GPIO68
0, 4, 8, 12
C18
133
–
I/O
General-purpose input/output 68
EM1D16
2
I/O
External memory interface 1 data line 16
EM2D0
3
I/O
External memory interface 2 data line 0
GPIO69
0, 4, 8, 12
B18
134
75
I/O
General-purpose input/output 69
EM1D15
2
I/O
External memory interface 1 data line 15
SCLB
6
I/OD
I2C-B clock open-drain bidirectional port
SPISIMOC
15
I/O
SPI-C slave in, master out
(2)
GPIO70
0, 4, 8, 12
A17
135
76
I/O
General-purpose input/output 70
(3)
EM1D14
2
I/O
External memory interface 1 data line 14
CANRXA
5
I
CAN-A receive
SCITXDB
6
O
SCI-B transmit data
SPISOMIC
15
I/O
SPI-C slave out, master in
(2)
GPIO71
0, 4, 8, 12
B17
136
77
I/O
General-purpose input/output 71
EM1D13
2
I/O
External memory interface 1 data line 13
CANTXA
5
O
CAN-A transmit
SCIRXDB
6
I
SCI-B receive data
SPICLKC
15
I/O
SPI-C clock
(2)
GPIO72
0, 4, 8, 12
B16
139
80
I/O
General-purpose input/output 72.
(3) This is the factory
default boot mode select pin 1.
EM1D12
2
I/O
External memory interface 1 data line 12
CANTXB
5
O
CAN-B transmit
SCITXDC
6
O
SCI-C transmit data
SPISTEC
15
I/O
SPI-C slave transmit enable
(2)
GPIO73
0, 4, 8, 12
A16
140
81
I/O
General-purpose input/output 73
EM1D11
2
I/O
External memory interface 1 data line 11
XCLKOUT
3
O/Z
External clock output. This pin outputs a divided-down
version of a chosen clock signal from within the device.
The clock signal is chosen using the
CLKSRCCTL3.XCLKOUTSEL bit field while the divide
ratio is chosen using the
XCLKOUTDIVSEL.XCLKOUTDIV bit field.
CANRXB
5
I
CAN-B receive
SCIRXDC
6
I
SCI-C receive
GPIO74
0, 4, 8, 12
C17
141
–
I/O
General-purpose input/output 74
EM1D10
2
I/O
External memory interface 1 data line 10
GPIO75
0, 4, 8, 12
D16
142
–
I/O
General-purpose input/output 75
EM1D9
2
I/O
External memory interface 1 data line 9
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com