Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 33 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 33 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 29Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 30Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 31Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 32Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 33Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 34Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 35Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 36Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 226 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
ZWT
BALL
NO.
PTP
PIN
NO.
PZP
PIN
NO.
GPIO134
0, 4, 8, 12
V18
–
–
I/O
General-purpose input/output 134
SD2_D3
7
I
Sigma-Delta 2 channel 3 data input
GPIO135
0, 4, 8, 12
U18
–
–
I/O
General-purpose input/output 135
SCITXDA
6
O
SCI-A transmit data
SD2_C3
7
I
Sigma-Delta 2 channel 3 clock input
GPIO136
0, 4, 8, 12
T17
–
–
I/O
General-purpose input/output 136
SCIRXDA
6
I
SCI-A receive data
SD2_D4
7
I
Sigma-Delta 2 channel 4 data input
GPIO137
0, 4, 8, 12
T18
–
–
I/O
General-purpose input/output 137
SCITXDB
6
O
SCI-B transmit data
SD2_C4
7
I
Sigma-Delta 2 channel 4 clock input
GPIO138
0, 4, 8, 12
T19
–
–
I/O
General-purpose input/output 138
SCIRXDB
6
I
SCI-B receive data
GPIO139
0, 4, 8, 12
N19
–
–
I/O
General-purpose input/output 139
SCIRXDC
6
I
SCI-C receive data
GPIO140
0, 4, 8, 12
M19
–
–
I/O
General-purpose input/output 140
SCITXDC
6
O
SCI-C transmit data
GPIO141
0, 4, 8, 12
M18
–
–
I/O
General-purpose input/output 141
SCIRXDD
6
I
SCI-D receive data
GPIO142
0, 4, 8, 12
L19
–
–
I/O
General-purpose input/output 142
SCITXDD
6
O
SCI-D transmit data
GPIO143
0, 4, 8, 12
F18
–
–
I/O
General-purpose input/output 143
GPIO144
0, 4, 8, 12
F17
–
–
I/O
General-purpose input/output 144
GPIO145
0, 4, 8, 12
E17
–
–
I/O
General-purpose input/output 145
EPWM1A
1
O
Enhanced PWM1 output A (HRPWM-capable)
GPIO146
0, 4, 8, 12
D18
–
–
I/O
General-purpose input/output 146
EPWM1B
1
O
Enhanced PWM1 output B (HRPWM-capable)
GPIO147
0, 4, 8, 12
D17
–
–
I/O
General-purpose input/output 147
EPWM2A
1
O
Enhanced PWM2 output A (HRPWM-capable)
GPIO148
0, 4, 8, 12
D14
–
–
I/O
General-purpose input/output 148
EPWM2B
1
O
Enhanced PWM2 output B (HRPWM-capable)
GPIO149
0, 4, 8, 12
A13
–
–
I/O
General-purpose input/output 149
EPWM3A
1
O
Enhanced PWM3 output A (HRPWM-capable)
GPIO150
0, 4, 8, 12
B13
–
–
I/O
General-purpose input/output 150
EPWM3B
1
O
Enhanced PWM3 output B (HRPWM-capable)
GPIO151
0, 4, 8, 12
C13
–
–
I/O
General-purpose input/output 151
EPWM4A
1
O
Enhanced PWM4 output A (HRPWM-capable)
GPIO152
0, 4, 8, 12
D13
–
–
I/O
General-purpose input/output 152
EPWM4B
1
O
Enhanced PWM4 output B (HRPWM-capable)
GPIO153
0, 4, 8, 12
A12
–
–
I/O
General-purpose input/output 153
EPWM5A
1
O
Enhanced PWM5 output A (HRPWM-capable)
GPIO154
0, 4, 8, 12
B12
–
–
I/O
General-purpose input/output 154
EPWM5B
1
O
Enhanced PWM5 output B (HRPWM-capable)
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com