Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 51 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 51 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 47Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 48Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 49Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 50Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 51Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 52Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 53Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 54Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 226 page
background image
8.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO (1)
3.14
3.3
3.47
V
Device supply voltage, VDD
1.14
1.2
1.26
V
Supply ground, VSS
0
V
Analog supply voltage, VDDA
3.14
3.3
3.47
V
Analog ground, VSSA
0
V
Junction temperature, TJ
T version
–40
105
°C
S version(2)
–40
125
Q version (AEC Q100 qualification)(2)
–40
150
Free-Air temperature, TA
Q version (AEC Q100 qualification)
–40
125
°C
(1)
VDDIO, VDD3VFL, and VDDOSC should be maintained within 0.3 V of each other.
(2)
Operation above TJ = 105°C for extended duration will reduce the lifetime of the device. See Calculating Useful Lifetimes of Embedded
Processors for more information.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com