Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 57 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 57 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 53Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 54Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 55Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 56Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 57Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 58Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 59Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 60Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 226 page
background image
8.6 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX UNIT
VOH
High-level output voltage
IOH = IOH MIN
VDDIO * 0.8
V
IOH = –100 μA
VDDIO – 0.2
VOL
Low-level output voltage
IOL = IOL MAX
0.4
V
IOL = 100 µA
0.2
IOH
High-level output source current for all output pins
–4
mA
IOL
Low-level output sink current for all output pins
4
mA
VIH
High-level input voltage
(3.3 V)
GPIO0–GPIO7,
GPIO42–GPIO43,
GPIO46–GPIO47
VDDIO * 0.7
VDDIO + 0.3
V
All other pins
2.0
VDDIO + 0.3
VIL
Low-level input voltage (3.3 V)
VSS – 0.3
0.8
V
VHYSTERESIS
Input hysteresis
150
mV
Ipulldown
Input current
Digital inputs with
pulldown(1)
VDDIO = 3.3 V
VIN = VDDIO
120
µA
Ipullup
Input current
Digital inputs with pullup
enabled(1)
VDDIO = 3.3 V
VIN = 0 V
150
µA
ILEAK
Pin leakage
Digital
Pullups disabled
0 V ≤ VIN ≤ VDDIO
2
µA
Analog (except
ADCINB0 or DACOUTx)
0 V ≤ VIN ≤ VDDA
2
ADCINB0
2
11(2)
DACOUTx
66
CI
Input capacitance
2
pF
VDDIO-POR
VDDIO power-on reset voltage
2.3
V
(1)
See Table 7-1 for a list of pins with a pullup or pulldown.
(2)
The MAX input leakage shown on ADCINB0 is at high temperature.
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com