Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 60 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 60 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 56Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 57Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 58Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 59Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 60Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 61Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 62Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 63Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 226 page
background image
8.9 System
8.9.1 Power Sequencing
8.9.1.1 Signal Pin Requirements
Before powering the device, no voltage larger than 0.3 V above VDDIO can be applied to any digital pin, and no
voltage larger than 0.3 V above VDDA can be applied to any analog pin (including VREFHI).
8.9.1.2 VDDIO, VDDA, VDD3VFL, and VDDOSC Requirements
The 3.3-V supplies should be powered up together and kept within 0.3 V of each other during functional
operation.
8.9.1.3 VDD Requirements
The internal VREG is not supported. The VREGENZ pin must be tied to VDDIO and an external source used to
supply 1.2 V to VDD. During the ramp, VDD should be kept no more than 0.3 V above VDDIO.
VDDOSC and VDD must be powered on and off at the same time. VDDOSC should not be powered on when VDD is
off. For applications not powering VDDOSC and VDD at the same time, see the "INTOSC: VDDOSC Powered
Without VDD Can Cause INTOSC Frequency Drift" advisory in the TMS320F2837xD Dual-Core MCUs Silicon
Errata .
There is an internal 12.8-mA current source from VDD3VFL to VDD when the flash banks are active. When the
flash banks are active and the device is in a low-activity state (for example, a low-power mode), this internal
current source can cause VDD to rise to approximately 1.3 V. There will be zero current load to the external
system VDD regulator while in this condition. This is not an issue for most regulators; however, if the system
voltage regulator requires a minimum load for proper operation, then an external 82Ω resistor can be added to
the board to ensure a minimal current load on VDD. See the "Low-Power Modes: Power Down Flash or Maintain
Minimum Device Activity" advisory in the TMS320F2837xD Dual-Core MCUs Silicon Errata .
8.9.1.4 Supply Ramp Rate
The supplies should ramp to full rail within 10 ms. Section 8.9.1.4.1 shows the supply ramp rate.
8.9.1.4.1 Supply Ramp Rate
MIN
MAX
UNIT
Supply ramp rate
VDDIO, VDD, VDDA, VDD3VFL, VDDOSC with respect to VSS
330
105
V/s
8.9.1.5 Supply Supervision
An internal power-on-reset (POR) circuit keeps the I/Os in a high-impedance state during power up. External
supply voltage supervisors (SVS) can be used to monitor the voltage on the 3.3-V and 1.2-V rails and drive XRS
low when supplies are outside operational specifications.
Note
If the supply voltage is held near the POR threshold, then the device may drive periodic resets onto
the XRS pin.
8.9.2 Reset Timing
XRS is the device reset pin. It functions as an input and open-drain output. The device has a built-in power-on
reset (POR). During power up, the POR circuit drives the XRS pin low. A watchdog or NMI watchdog reset also
drives the pin low. An external circuit may drive the pin to assert a device reset.
A resistor with a value from 2.2 kΩ to 10 kΩ should be placed between XRS and VDDIO. A capacitor should be
placed between XRS and VSS for noise filtering; the capacitance should be 100 nF or smaller. These values will
allow the watchdog to properly drive the XRS pin to VOL within 512 OSCCLK cycles when the watchdog reset is
asserted. Figure 8-4 shows the recommended reset circuit.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com