Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMS320F28375DPZP Arkusz danych(PDF) 44 Page - Texas Instruments

Numer części TMS320F28375DPZP
Szczegółowy opis  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Arkusz danych(HTML) 44 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 40Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 41Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 42Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 43Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 44Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 45Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 46Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 47Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
Table 7-2. GPIO Muxed Pins (continued)
GPIO Mux Selection(1) (2)
GPIO Index
0, 4, 8, 12
1
2
3
5
6
7
15
GPyGMUXn.
GPIOz =
00b, 01b,
10b, 11b
00b
01b
11b
GPyMUXn.
GPIOz =
00b
01b
10b
11b
01b
10b
11b
11b
GPIO144
GPIO145
EPWM1A (O)
GPIO146
EPWM1B (O)
GPIO147
EPWM2A (O)
GPIO148
EPWM2B (O)
GPIO149
EPWM3A (O)
GPIO150
EPWM3B (O)
GPIO151
EPWM4A (O)
GPIO152
EPWM4B (O)
GPIO153
EPWM5A (O)
GPIO154
EPWM5B (O)
GPIO155
EPWM6A (O)
GPIO156
EPWM6B (O)
GPIO157
EPWM7A (O)
GPIO158
EPWM7B (O)
GPIO159
EPWM8A (O)
GPIO160
EPWM8B (O)
GPIO161
EPWM9A (O)
GPIO162
EPWM9B (O)
GPIO163
EPWM10A (O)
GPIO164
EPWM10B (O)
GPIO165
EPWM11A (O)
GPIO166
EPWM11B (O)
GPIO167
EPWM12A (O)
GPIO168
EPWM12B (O)
(1)
I = Input, O = Output, OD = Open Drain
(2)
GPIO Index settings of 9, 10, 11, 13, and 14 are reserved.
(3)
High-Speed SPI-enabled GPIO mux option. This pin mux option is required when using the SPI in High-Speed Mode (HS_MODE = 1
in SPICCR). This mux option is still available when not using the SPI in High-Speed Mode (HS_MODE = 0 in SPICCR).
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com