| Zakładka z wyszukiwarką danych komponentów |
|
TMS320F28375DPZP Arkusz danych(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPZP Arkusz danych(HTML) 81 Page - Texas Instruments |
|
81 / 226 page ![]() Section 8.9.8.3.3 shows the STANDBY mode timing requirements, Section 8.9.8.3.4 shows the switching characteristics, and Figure 8-18 shows the timing diagram for STANDBY mode. 8.9.8.3.3 STANDBY Mode Timing Requirements MIN MAX UNIT tw(WAKE-INT) Pulse duration, external wake-up signal QUALSTDBY = 0 | 2tc(OSCCLK) 3tc(OSCCLK) cycles QUALSTDBY > 0 | (2 + QUALSTDBY)tc(OSCCLK) (1) (2 + QUALSTDBY) * tc(OSCCLK) (1) QUALSTDBY is a 6-bit field in the LPMCR register. 8.9.8.3.4 STANDBY Mode Switching Characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN MAX UNIT td(IDLE-XCOS) Delay time, IDLE instruction executed to XCLKOUT stop 16tc(INTOSC1) cycles td(WAKE-STBY) Delay time, external wake signal to program execution resume(1) cycles • Wakeup from flash – Flash module in active state 175tc(SYSCLK) + tw(WAKE-INT) • Wakeup from flash – Flash module in sleep state 6700tc(SYSCLK) (2) + tw(WAKE- INT) • Wakeup from RAM 3tc(OSC) + 15tc(SYSCLK) + tw(WAKE-INT) (1) This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered by the wake-up signal) involves additional latency. (2) This value is based on the flash power-up time, which is a function of the SYSCLK frequency, flash wait states (RWAIT), and FPAC1[PSLEEP]. For more information, see the Flash and OTP Power-Down Modes and Wakeup section of the TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual . This value can be realized when SYSCLK is 200 MHz, RWAIT is 3, and FPAC1[PSLEEP] is 0x860. www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 81 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |