Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 46 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 46 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 42Page - Renesas Technology Corp DA7210 Datasheet HTML 43Page - Renesas Technology Corp DA7210 Datasheet HTML 44Page - Renesas Technology Corp DA7210 Datasheet HTML 45Page - Renesas Technology Corp DA7210 Datasheet HTML 46Page - Renesas Technology Corp DA7210 Datasheet HTML 47Page - Renesas Technology Corp DA7210 Datasheet HTML 48Page - Renesas Technology Corp DA7210 Datasheet HTML 49Page - Renesas Technology Corp DA7210 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
46 of 118
© 2021 Renesas Electronics
8.5
Hi-Fi playback
8.5.1
5-band equaliser for playback path
To allow user-specific sound settings, the digital playback path includes a programmable 5-band
equaliser, which is enabled using control DAC_EQ_EN (address 0x1B, Table 68).
A low-pass filter, three band pass filters and a high-pass filter, with corner frequencies at
approximately 100 Hz, 300 Hz, 1 kHz, 3 kHz and 3 kHz (for FS = 44.1 kHz) are controlled by the
registers DAC_EQ1_VOL to DAC_EQ5_VOL (addresses: 0x19, Table 66; 0x1A, Table 67; 0x1B,
Table 68). These registers boost or damp each frequency band from -10.5 dB to +12 dB in 1.5 dB
steps. Saturation of the signal from boosted frequencies can be prevented by an overall damping
control ADC_EQ_GAIN (address 0x1B, Table 68).
The 5-band equaliser cannot be used at a 96 kHz sampling rate and is automatically disabled if the
ADC is configured to Voice Mode using control DAC_VOICE_EN (address 0x14, Table 61). Details
of corner frequencies are shown in Table 26. Frequency responses are illustrated in Figure 18 to
Figure 22.
8.5.2
Digital audio processing for playback path
In addition to the user selectable sound settings offered by the 5-band equaliser, the playback path
offers up to 8th order configurable audio filtering, for example, to correct the frequency response of
connected receivers, speakers or headphones.
DAC L
ADC L
ADC R
DAC R
GP
2D
GP
2C
GP
2A
GP
1D
GP
1C
GP
1A
ADC
IIR L
ADC
HP L
DAC
HP L
DAC
IIR L
ADC
HP R
ADC
IIR R
DAC
IIR R
DAC
HP R
I2S/PCM L
I2S/PCM R
+
+
+
+
+
+
GP
1B
GP
2B
+
+
+
Figure 25: Stereo playback (for example, freefield headphone equalisation)
For applications with stereo speakers the digital signal processing offers stereo widening with 3D
audio effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com