Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 22 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 22 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 18Page - Renesas Technology Corp DA7210 Datasheet HTML 19Page - Renesas Technology Corp DA7210 Datasheet HTML 20Page - Renesas Technology Corp DA7210 Datasheet HTML 21Page - Renesas Technology Corp DA7210 Datasheet HTML 22Page - Renesas Technology Corp DA7210 Datasheet HTML 23Page - Renesas Technology Corp DA7210 Datasheet HTML 24Page - Renesas Technology Corp DA7210 Datasheet HTML 25Page - Renesas Technology Corp DA7210 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
22 of 118
© 2021 Renesas Electronics
Table 14: Electrical characteristics: Phase locked loop (MCLK)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Input Jitter
cycle to cycle
35
ps
rms
100
ps
Input Impedance
DC impedance > 10 M
Ω
300
0.5
1
2
pF
Interface mode (MCLK is 256 Fs, PLL off)
Fin
Input frequency
256 Fs
128 Fs (96 kHz)
11.289
12.288
MHz
Oscillator mode (MCLK from standard oscillator, PLL on)
Fin
Input frequency
12.0, 13.0, 13.5, 14.4,
19.2, 19.68 MHz (x 1, 2 or
4), 32 kHz mode
10
32.768
80
MHz
kHz
I2S tracking range (SRM)
Maximum mismatch of
I2S word-clock
4
%
I2S clock drift
Maximum frequency drift
of I2S word clock
50
ppm/s
VIN AC
MCLK Shaper range
For AC coupling with
internal clock shaping
300
500
1000
mVPP
Table 15: Electrical characteristics: Digital I/O
(Ta = -40 to +85ºC)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VIH
CLK, WCLK, DATIN, SK,
nCS, SI, PD, MCLK,
Input High Voltage
0.7*VDDDIO
VDDDIO
V
VIL
CLK, WCLK, DATIN, SK,
nCS, SI, PD, MCLK,
Input Low Voltage
-0.3
0.3*VDDDI
O
V
VOH @
1 mA
CLK, WCLK, DATOUT
Output High Voltage
0.8*VDDDIO
VDDDIO
V
VOH
SO
(open drain mode)
Output High Voltage
OPEN
DRAIN
3.6
V
VOL @
1 mA
CLK, WCLK, DATOUT
Output Low Voltage
0
0.3
V
MCLK
Input High Voltage
DC-coupled TTL
signal
0.7*VDDDIO
VDDDIO
V
MCLK
Input Low Voltage
-0.3
0.3*VDDDI
O
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com