Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 96 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 96 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 92Page - Renesas Technology Corp DA7210 Datasheet HTML 93Page - Renesas Technology Corp DA7210 Datasheet HTML 94Page - Renesas Technology Corp DA7210 Datasheet HTML 95Page - Renesas Technology Corp DA7210 Datasheet HTML 96Page - Renesas Technology Corp DA7210 Datasheet HTML 97Page - Renesas Technology Corp DA7210 Datasheet HTML 98Page - Renesas Technology Corp DA7210 Datasheet HTML 99Page - Renesas Technology Corp DA7210 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
96 of 118
© 2021 Renesas Electronics
Table 84: PLL_DIV3 0x2B
Bit
Mode
Symbol
Description
Reset
7
R
Reserved
Reserved
0
6
R/W
PLL_BYP
Bypass PLL
0 = disable (do not disable unless PLL is
operational)
1 = enable (PLL bypassed)
0
5:4
R/W
MCLK_RANGE
MCLK frequency range:
00 = 32.768 kHz
01 = 10-20 MHz
10 = 20-40 MHz
11 = 40-80 MHz
01
3:0
R/W
PLL_DIV_L
Feedback divider ratio bit [3:0].
Refer to Table 32 and Table 33 for suggested
settings.
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com