Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 25 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 25 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 21Page - Renesas Technology Corp DA7210 Datasheet HTML 22Page - Renesas Technology Corp DA7210 Datasheet HTML 23Page - Renesas Technology Corp DA7210 Datasheet HTML 24Page - Renesas Technology Corp DA7210 Datasheet HTML 25Page - Renesas Technology Corp DA7210 Datasheet HTML 26Page - Renesas Technology Corp DA7210 Datasheet HTML 27Page - Renesas Technology Corp DA7210 Datasheet HTML 28Page - Renesas Technology Corp DA7210 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
25 of 118
© 2021 Renesas Electronics
7.3
Digital audio interface timing - 4-wire control timing
1
2
4
5
10
8
9
11
3
A6
A5
A4
BIT 7
R/W
BIT 1
LSB
LSB
BIT 1
Address
R/W
DATA
SO
SI
SK
nCS
7
6
Figure 6: 4-wire control timing diagram
Timing shown is valid for active low and active high CS.
Table 18: 4-wire control timing characteristics
(Ta = -40 to +85ºC)
Parameter
Description
Label in plot
Min
Typ
Max
Unit
tC
Cycle time
1
70
ns
tCSS
Enable lead time
2, from CS active to first SK edge
20
ns
tSCS
Enable lag time
3, from last SK edge to CS idle
20
ns
tCL
Clock low time
4
0.4 x tC
ns
tCH
Clock high time
5
0.4 x tC
ns
tSIS
Data In setup time
6
5
ns
tSIH
Data In hold time
7
5
ns
tSOV
Data Out valid time
8
22
ns
tSOH
Data Out hold time
9
6
ns
tH
Data access time
10
22
ns
tWCS
CS inactive time
11
20
ns
Table 19: Start-up times after setting SC_MST_EN = 1
Source
Output
Comment
Min
Typ
Max
Unit
VBG
VBG voltage >90% with 1 µF
VBG capacitor
25
ms
All analogue inputs and
DACL/R
HPL/R
Slave mode; 200 ms added
delay required
200
200
ms
All analogue inputs and
DACL/R
HPL/R
32 kHz PLL master mode;
200 ms added delay required
500
ms
All analogue inputs and
DACL/R
OUT1L/R
Slave mode
250
ms
All analogue inputs
ADCL/R
Slave mode
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com