Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 9 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 9 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 5Page - Renesas Technology Corp DA7210 Datasheet HTML 6Page - Renesas Technology Corp DA7210 Datasheet HTML 7Page - Renesas Technology Corp DA7210 Datasheet HTML 8Page - Renesas Technology Corp DA7210 Datasheet HTML 9Page - Renesas Technology Corp DA7210 Datasheet HTML 10Page - Renesas Technology Corp DA7210 Datasheet HTML 11Page - Renesas Technology Corp DA7210 Datasheet HTML 12Page - Renesas Technology Corp DA7210 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
9 of 118
© 2021 Renesas Electronics
2
Block diagram
DA7210
MIC
MICP_L
ADC L
ADC
DIGITAL
FILTERS
Acoustic
Filtering,
Wind/Zoom
Noise
Suppression,
5 Band
Equaliser,
Automatic
Gain Control
DAC
DIGITAL
FILTERS
Digital Mixer,
Acoustic
Filtering,
5 Band
Equaliser,
3D Sound
DAC L
AUX1_L
MICN_L
AUX1_R
AUX2P
FM
Radio
GROUND CENTRED
CLASS G
HEADPHONE
AMPLIFIERS
OUT1N_L
OUT1P_R
PLL
A1 PGA L
M PGA L
+
-
+
IN PGA L
MIC
MICP_R
MICN_R
M PGA R
+
-
A1 PGA R
A2 PGA
+
IN PGA R
ADC R
DAC R
+
+
GNDCP
100nF
OUT2N
OUT2P
I2S/PCM
INTERFACE
OUT1P_L
OUT1N_R
100nF
OUT1 R
MICBIAS
Sidetone-Filter
AUX2N
Charge
Pump
Speaker
Receiver
Analog Baseband
DA7202
HPCSP
HPCSN
HPCF2N
HPCF2P
HPCF1N
HPCF1P
1uF
1uF
1uF
1uF
Analog Baseband
Headphones
100nF
100nF
OUT1 L
HP L
+
-
1uF
1uF
100nF
1uF
+
HPS
OUT2
MCLK
PD
ATB0_GPO
HP R
HP_L
HP_R
CODEC CONTROL
INTERFACE
Figure 1: DA7210 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com