Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 23 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 23 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 19Page - Renesas Technology Corp DA7210 Datasheet HTML 20Page - Renesas Technology Corp DA7210 Datasheet HTML 21Page - Renesas Technology Corp DA7210 Datasheet HTML 22Page - Renesas Technology Corp DA7210 Datasheet HTML 23Page - Renesas Technology Corp DA7210 Datasheet HTML 24Page - Renesas Technology Corp DA7210 Datasheet HTML 25Page - Renesas Technology Corp DA7210 Datasheet HTML 26Page - Renesas Technology Corp DA7210 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
23 of 118
© 2021 Renesas Electronics
7
Timing characteristics
7.1
Digital audio interface timing - I2S/DSP (in master/slave mode)
T
tlC
thC
CLK
DATIN
tf
tsD
DATOUT
WCLK
tr
tdCW
tdCD
tdWD
thD
tsW
thW
Figure 4: I2S/DSP timing diagram
Table 16: I2S/DSP timing characteristics
(Ta = -40 to +85ºC)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Input impedance
DC impedance > 10
MΩ
300
1.0
2.5
pF
T
CLK period
75
ns
tr
CLK rise time
8
ns
tf
CLK fall time
8
ns
thC
CLK high period
40%
60%
T
tlC
CLK low period
40%
60%
T
tdCW
CLK to WCLK delay
-30%
+30%
T
tdCD
CLK to DATOUT delay
-30%
+30%
T
thW
WCLK high time
DSP mode
100%
T
Non-DSP mode
Word
length
T
tlW
WCLK low time
DSP mode
100%
T
Non-DSP mode
Word
length
T
tsW
WCLK setup time
Slave mode
7
ns
thW
WCLK hold time
Slave mode
2
ns
tsD
DATIN setup time
7
ns
thD
DATIN hold time
2
ns
tdWD
DATOUT to WCLK delay
DATOUT is synchronised to CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com