Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 1 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 1 Page - Renesas Technology Corp

  DA7210 Datasheet HTML 1Page - Renesas Technology Corp DA7210 Datasheet HTML 2Page - Renesas Technology Corp DA7210 Datasheet HTML 3Page - Renesas Technology Corp DA7210 Datasheet HTML 4Page - Renesas Technology Corp DA7210 Datasheet HTML 5Page - Renesas Technology Corp DA7210 Datasheet HTML 6Page - Renesas Technology Corp DA7210 Datasheet HTML 7Page - Renesas Technology Corp DA7210 Datasheet HTML 8Page - Renesas Technology Corp DA7210 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
1 of 118
© 2021 Renesas Electronics
General description
The DA7210 is a high fidelity audio codec with integrated true-ground capless headphone driver
suitable for a variety of low power, digital portable audio products.
Featuring a high efficiency headphone amplifier and supporting economic single supply voltages
down to 1.8 V, the ultra-low 2.5 mW power consumption extends music playback time for battery
operated equipment.
Eight analogue input pins allow multiple audio sources to be internally mixed, eliminating the need for
external switches. Both single-ended and fully-differential line and microphone inputs are supported
with built-in variable gain amplifiers to optimise dynamic range prior to digitisation.
DA7210 provides simultaneous connection to stereo headphone, stereo line outputs, and a mono
differential output. Stereo line outputs can be differential or single-ended. Both stereo outputs have
volume control from -54 dB to +15 dB.
Filtering and gain control is performed digitally including 5-band EQ and a digital input AGC with
programmable attack and decay parameters. A configurable signal processing engine allows various
enhancements and effects on the digital audio signal like acoustic filtering, wind noise suppression
and 3D sound.
The multi-slot I2S/PCM interface supports all common sample rates between 8 and 96 kHz in master
or slave mode operation.
Key features
■ Stereo multi-bit Delta Sigma DAC with SNR
100 dB ('A' weighted @ 48 kHz)
■ Stereo multi-bit Delta Sigma ADC with SNR
96 dB ('A' weighted @ 48 kHz)
■ Ultra low-power stereo headphone driver with
□ Stereo DAC to HP playback power:
2.5 mW
□ 2x58 mW output power (16 Ω)
□ ‘Capless’ output via GND centred signals
□ Four level charge pump with continuous
tracking of audio signal (Class G)
□ Short circuit protection
■ Support of 8, 11.025, 12, 16, 22.05, 24, 32,
44.1, 48 and 96 kHz sample rates
■ On-chip PLL with signal shaper and audio
Sample Rate Matching
■ Wide range of external clocks including
industry standard 256xFs, system clock 12,
13, 24, 26 or 27 MHz and low power 32 kHz
mode
■ Audio serial data bus supports I2S,
left/right justified, DSP and TDM modes
■ Stereo or mono differential microphone
interface
■ Programmable ultra-low noise bias supply for
electret microphones
■ Volume controlled stereo auxiliary inputs and
outputs supporting FM Radio and fixed gain
speaker amplifiers
■ Multi-mode audio routing and mixers
■ Pop & click suppression circuitry
■ ASSP DSP filter engine for digital audio
enhancements (acoustic filtering, wind noise
suppression, 5-band equaliser, 3D sound,
automatic gain control)
■ Supports supply from single voltage
(1.8/2.5 V)
■ Extensive modular power control
■ Package: 49 bump WL-CSP – 0.4 mm pitch
Applications
■ Personal media players
■ Portable consumer devices
■ Music handsets
■ Personal navigation devices


Podobny numer części - DA7210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7210-00UC2 DIALOG-DA7210-00UC2 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7210-00UC6 DIALOG-DA7210-00UC6 Datasheet
2Mb / 113P
Ultra-low power stereo codec
More results

Podobny opis - DA7210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Dialog Semiconductor
DA7210 DIALOG-DA7210 Datasheet
2Mb / 113P
Ultra-low power stereo codec
DA7211 DIALOG-DA7211 Datasheet
2Mb / 105P
Ultra-low power stereo codec
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
DA7217 DIALOG-DA7217 Datasheet
2Mb / 171P
Ultra-Low Power Stereo Codec
DA7218 DIALOG-DA7218 Datasheet
2Mb / 173P
Ultra-Low Power Stereo Codec
logo
Renesas Technology Corp
DA7217 RENESAS-DA7217 Datasheet
3Mb / 170P
Ultra-Low Power Stereo Codec
23-Feb-2022
DA7211 RENESAS-DA7211 Datasheet
1Mb / 111P
Ultra-low power stereo codec
23-Dec-2021
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7218 RENESAS-DA7218 Datasheet
2Mb / 198P
Ultra-Low Power Stereo Codec
24-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com