Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA7210 Arkusz danych(PDF) 111 Page - Renesas Technology Corp

Numer części DA7210
Szczegółowy opis  Ultra-low power stereo codec
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7210 Arkusz danych(HTML) 111 Page - Renesas Technology Corp

Back Button DA7210 Datasheet HTML 107Page - Renesas Technology Corp DA7210 Datasheet HTML 108Page - Renesas Technology Corp DA7210 Datasheet HTML 109Page - Renesas Technology Corp DA7210 Datasheet HTML 110Page - Renesas Technology Corp DA7210 Datasheet HTML 111Page - Renesas Technology Corp DA7210 Datasheet HTML 112Page - Renesas Technology Corp DA7210 Datasheet HTML 113Page - Renesas Technology Corp DA7210 Datasheet HTML 114Page - Renesas Technology Corp DA7210 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 119 page
background image
DA7210
Ultra-low power stereo codec
Datasheet
Revision 3.2
23-Dec-2021
CFR0011-120-00 Rev 5
111 of 118
© 2021 Renesas Electronics
Table 183: A_DAC0 0x96
Unlocking registers 0x8A and 0x8B is required to access this register
Bit
Mode
Symbol
Description
Reset
7:3
W
Reserved
Reserved
00000
2:0
W
VMID_BUFF_EN
VMID buffer disable during ADC and analogue only
modes to save power
000 = VMID buffer disabled
111 = VMID buffer enabled
111
Table 184: A_CPHP6 0xA2
Unlocking registers 0x8A and 0x8B is required to access this register
Bit
Mode
Symbol
Description
Reset
7:0
W
CP_RISE_TIME
Set 0x80 (10000000) for maximum output power.
Set 0x84 (10000100) for reduced inrush current
10000000
Table 185: A_CP_MODE 0xA7
Unlocking registers 0x8A and 0x8B is required to access this register
Bit
Mode
Symbol
Description
Reset
7:0
W
A_CP_MODE
Headphone charge pump enable:
Set 0x7C (01111110)
01111110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com