| Zakładka z wyszukiwarką danych komponentów |
|
MPC8323ECVRADDC Arkusz danych(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8323ECVRADDC Arkusz danych(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 80 page ![]() MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 0 Freescale Semiconductor 7 Electrical Characteristics 2.1.2 Power Supply Voltage Specification Table 2 provides the recommended operating conditions for the MPC8323E. Note that these values are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed. Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8323E. Figure 2. Overshoot/Undershoot Voltage for GVDD/OVDD Table 2. Recommended Operating Conditions Characteristic Symbol Recommended Value Unit Notes Core supply voltage VDD 1.0 V ± 50 mV V 1 PLL supply voltage AVDD 1.0 V ± 50 mV V 1 DDR1 and DDR2 DRAM I/O voltage GVDD 2.5 V ± 125 mV 1.8 V ± 90 mV V1 PCI, local bus, DUART, system control and power management, I2C, SPI, and JTAG I/O voltage OVDD 3.3 V ± 300 mV V 1 Note: 1. GVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative direction. GND GND – 0.3 V GND – 0.7 V Not to Exceed 10% G/OVDD + 20% G/OVDD G/OVDD + 5% of tinterface 1 1. tinterface refers to the clock period associated with the bus clock interface. VIH VIL Note: |