| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 51 page ![]() Port Configurations A I/O or low-order (latched) address lines B I/O and/or CS0–CS7 C A16-A18 or CS8-CS10 PSD211R Family 9 The PSD211R operates in 8-bit address/data mode, enabling it to interface directly to a variety of 8-bit multiplexed microcontrollers. It works as follows: the address/data bus (AD0-AD7) is bi-directional and permits the latching of the address when the ALE/AS signal is active. On the same pins, the data is read from or written to the device, depending on the state of the control signals (WR, RD, etc.). You should connect your MCU according to the following figure. Ports A through C can be configured according to Table 3, below. Your 8-bit MCU PSD211R PA PB PC AD0 -AD7 I /O or A0 - A7 A8 -A15 ALE/AS PSEN R/ W or WR RD/E A19 / CSI RESET A16-A181 I /O or CS0 - CS7 CS8 - CS10 OR Figure 3. Connecting a PSD211R to an 8-Bit Multiplexed-Bus MCU 8.0 Operating Mode Table 3. Bus and Port Configuration Options 9.0 Programmable Address Decoder (PAD) NOTE: 1. Connect A16-A18 to Port C if your MCU outputs more than 16 bits of address. The PSD211R contains two programmable arrays, referred to as PAD A and PAD B (Figure 4). PAD A is used to generate chip select signals derived from the input address to the internal EPROM blocks and I/O ports. PAD B outputs to Ports B and C for off-chip usage. PAD B can also be used to extend the decoding to select external devices or as a random logic replacement. PAD A and PAD B receive the same inputs. The PAD logic is configured by PSDsoft based on the designer’s input. The PAD’s non-volatile configuration is stored in a re-programmable CMOS EPROM. Windowed packages are available for erasure by the user. See Table 4 for a list of PAD A and PAD B functions. |