| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 47 Page - STMicroelectronics |
|
47 / 51 page ![]() PSD211R Family 44 Drawing M1 – 44-Pin Plastic Quad Flatpack (PQFP) (Package Type M) B E1 E 1 D3 E3 D1 D L a 2 3 44 A2 A A1 C Index Mark e1 Standoff: 0.10 mm Min 0.25 mm Max Family: Plastic Quad Flatpack (PQFP) Millimeters Inches Symbol Min Max Notes Min Max Notes α 0° 7° 0° 7° A – 2.35 – 0.092 A1 1.075 Reference 0.042 Reference A2 1.95 2.10 0.077 0.083 B 0.30 0.45 0.012 0.018 C 0.13 0.23 0.005 0.009 D 13.20 0.520 D1 10.00 0.394 D3 8.00 Reference 0.315 Reference E 13.20 0.520 E1 10.00 0.394 E3 8.00 Reference 0.315 Reference e1 0.80 Reference 0.031 Reference L 0.73 1.03 0.029 0.040 N44 44 030195R4 |