| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 38 Page - STMicroelectronics |
|
38 / 51 page ![]() PSD211R Family 35 NOTES: 1. ADi = any address line. 2. CSOi = any of the chip-select output signals coming through Port B (CS0–CS7) or through Port C (CS8–CS10). 3. Direct PAD input = any of the following direct PAD input lines: CSI/A19 as transparent A19, RD/E, WR or R/W, transparent PC0–PC2, ALE (or AS). 4. Control signals RD/E or WR or R/W. -20 -25 CMiser Turbo Symbol Parameter On = Off = Unit Min Max Min Max Add Add Hold Time of Port A Valid During Write CSOi T29 Trailing Edge 33 0 0 ns T30 CSI Active to CSOi2 Active 9 80 9 90 0 0 ns T31 CSI Inactive to CSOi2 Inactive 9 80 9 90 0 0 ns T32 Direct PAD Input3 as Hold Time 0 0 0 0 ns T33 R/W Active to E or DS Start 40 50 0 0 ns T34 E or DS End to R/W 40 50 0 0 ns T35 AS Inactive to E high 0 0 0 0 ns T36 Address to Leading Edge of Write 35 40 0 0 ns 18.8 Timing Parameters – ZPSD211RV (3 V devices only) (cont.) |