| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 35 Page - STMicroelectronics |
|
35 / 51 page ![]() PSD211R Family 32 Symbol Parameter Conditions Min Typ Max Unit VCC Supply Voltage All Speeds 2.7 3 5.5 V VIH High-Level Input Voltage 2.7 V < VCC > 5.5 V .7 VCC VCC +.5 V VIL Low-Level Input Voltage 2.7 V < VCC > 5.5 V – 0.5 .3 VCC V IOH = – 20 µA, VCC = 2.7 V 2.6 2.69 V VOH Output High Voltage IOH = – 1 mA, VCC = 2.7 V 2.3 2.4 V IOL = 20 µA, VCC = 2.7 V 0.01 0.1 V VOL Output Low Voltage IOL = 4 mA, VCC = 2.7 V 0.15 0.45 V ISB Standby Supply Current VCC = 3.0 V 1 5 µA (Notes 1,4) ILI Input Leakage Current VIN = VCC or GND –1 ±.1 1 µA ILO Output Leakage Current VOUT = VCC or GND –1 .1 1 µA ZPLD Turbo Mode= Off, f = 0 MHz, VCC = 3.0 V See ISB µA ICC (DC) Operating Supply Current ZPLD Turbo Mode= On, (Note 3) f = 0 MHz, VCC = 3.0 V 0.17 0.35 mA/PT EPROM, f = 0 MHz, VCC = 3.0 V 00 µA ZPLD AC Base See Figure 14 (VCC = 3.0 V) Fig. 14 0.5 mA/MHz CMiser = On and 8-Bit Bus ICC (AC) EPROM Access Mode (VCC = 3.0 V) 0.4 1 mA/MHz (Note 3) AC Adder CMiser = Off (VCC = 3.0 V) 0.9 1.7 mA/MHz 18.6 AC/DC DC Characteristics ZPSD211RV (3 V devices only) NOTES: 1. CMOS inputs: GND ± 0.3 V or VCC ± 0.3V. 2. TTL inputs: VIL ≤ 0.8 V, VIH ≥ 2.0 V. 3. IOUT = 0 mA. 4. CSI/A19 is high and the part is in a power-down configuration mode. |