| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 42 Page - STMicroelectronics |
|
42 / 51 page ![]() PSD211R Family 39 Figure 22A. AC Testing Input/Output Waveform (5 V Versions ) Figure 23A. AC Testing Load Circuit (5 V Versions ) 3.0V 0V TEST POINT 1.5V DEVICE UNDER TEST 2.01 V 195 Ω C L = 30 pF (INCLUDING SCOPE AND JIG CAPACITANCE) 0.9 VCC 0V TEST POINT 1.5V DEVICE UNDER TEST 2.0 V 400 Ω C L = 30 pF (INCLUDING SCOPE AND JIG CAPACITANCE) Figure 22B. AC Testing Input/Output Waveform (3 V Versions ) Figure 23B. AC Testing Load Circuit (3 V Versions ) 18.10. AC Testing |