Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PSD211RL Arkusz danych(PDF) 18 Page - STMicroelectronics

Numer części PSD211RL
Szczegółowy opis  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RL Arkusz danych(HTML) 18 Page - STMicroelectronics

Back Button PSD211RL Datasheet HTML 14Page - STMicroelectronics PSD211RL Datasheet HTML 15Page - STMicroelectronics PSD211RL Datasheet HTML 16Page - STMicroelectronics PSD211RL Datasheet HTML 17Page - STMicroelectronics PSD211RL Datasheet HTML 18Page - STMicroelectronics PSD211RL Datasheet HTML 19Page - STMicroelectronics PSD211RL Datasheet HTML 20Page - STMicroelectronics PSD211RL Datasheet HTML 21Page - STMicroelectronics PSD211RL Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
PSD211R Family
15
10.0
I/O Port
Functions
(Cont.)
10.4 Port C (PC0-PC2)
Each pin of Port C (Figure 7) can be configured as an input to PAD A and PAD B, or as an
output from PAD B. As inputs, the pins are referenced as A16-A18. Although the pins are
given this reference, they can be used for any address or logic input. [For example, A8-A10
could be connected to those pins to improve the resolution (boundaries) of CS0-CS7 to
256 bytes.] How they are defined in the PSDsoft design file determines:
• Whether they are address or logic inputs
• Whether the input is transparent or latched by the trailing edge of ALE/AS.
Notes:
1) If the inputs are addresses, they are routed to PAD A and B, and can be used in any or
all PAD equations.
2) If the inputs are logic, they are routed to PAD B and can be used for Boolean equations
that are implemented in any or all of the CS0-CS10 PAD B outputs.
3) If Port C pins are configured as inputs, they can not be individually configured as
address or logic and latched or transparent. They must be configured as a group to be
address or logic and latched or transparent.
Alternately, PC0-PC2 can become CS8-CS10 outputs, respectively, providing the user with
more external chip-select PAD outputs. Each of the signals (CS8-CS10) is comprised of
one product term.
Figure 7. Port C (PC0-PC2) Pin Structure
CS8 / CS9 / C S10
From PAD
To PAD
A16/A17/A18
Latched Address
Input
QD
En
Logic Input
D
E
M
U
X
Address In or
Chip Select Out
Input or Output
Set by PSDsoft
2
PSDsoft
2
Port C I/O
1
(PC0 / P C1/ P C2)
ALE
NOTES: 1. Port C pins can be individually configured as inputs or outputs, but not both.
2. PSDsoft sets this configuration prior to run-time based on your PSDsoft design file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51