| Zakładka z wyszukiwarką danych komponentów |
|
PSD211RL Arkusz danych(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RL Arkusz danych(HTML) 22 Page - STMicroelectronics |
|
22 / 51 page ![]() PSD211R Family 19 12. Control Signals (Cont.) Signal State Just Signal State After Reset Port Configured Mode of Operation During Reset (Note 1) AD0/A0- All Input (Hi-Z) MCU address AD15/A15 and/or data MCU I/O Input (Hi-Z) Input (Hi-Z) Port Pins PSD211R, Logic 0 MCU address PA0-PA7 Latched Address Out ZPSD211R ZPSD211RV Hi-Z MCU address MCU I/O Input (Hi-Z Input (Hi-Z) Chip Select Outputs, PSD211R, Logic 1 Per CS equations Port Pins CS0-CS7, CMOS ZPSD211R PB0-PB7 ZPSD211RV Hi-Z Per CS equations Chip Select Outputs, PSD211R, Hi-Z Per CS equations CS0-CS7, Open Drain ZPSD211R ZPSD211RV Hi-Z Per CS equations Address or Logic Inputs, A16-A18 Input (Hi-Z) Input (Hi-Z) Port Pins Chip Select Outputs, PSD211R, Logic 1 Per CS equations PC0-PC2 CS8-CS10, CMOS ZPSD211R ZPSD211RV Hi-Z Per CS equations Table 8A. External PSD Signal States During and Just After Reset NOTE: 1. Signal is valid immediately after reset for non-V devices. ZPSD211RV devices need an additional 500 nsec after reset before signal is valid. Internal Internal Signal Signal State State During During Component Internal Signal Reset Power-Down CS0-CS10 Logic 1 (inactive) Per CS Equations PAD A and PAD B CSIOPORT, Per equations ES0-ES7 Logic 0 (inactive) for each internal signal All registers in CSIOPORT N/A address space, including: Direction Logic 0 in all bit of Logic 0 until Data all registers changed by MCU PMR (turbo bit, ZPSD only) Table 8B. Internal PSD Signal States During and Just After Reset NOTE: N/A = Not Applicable RESET LOW VIH RESET HIGH ZPSD211R(V) IS OPERATIONAL 500 ns 500 ns VIL Figure 8. The Required Reset Cycle for ZPSD211RV Devices Only. |