Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 8 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 8 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 4Page - Panasonic Semiconductor T315K-F Datasheet HTML 5Page - Panasonic Semiconductor T315K-F Datasheet HTML 6Page - Panasonic Semiconductor T315K-F Datasheet HTML 7Page - Panasonic Semiconductor T315K-F Datasheet HTML 8Page - Panasonic Semiconductor T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
T15
4. Wire lead type
1) Without indication on actuator
2) With ON-OFF indication on actuator
Remarks: 1. Please specify the actuator color by replacing the asterisk in the product number and part number with appropriate letter.
B: black; W: white; R: red; Z: dark grey
2. 600 V vinyl wire (VSF, thick: 2 mm2, length: 200 mm) is used. Please inquire about type and different length of lead wire.
3. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
PUSH-BUTTON PRODUCT TYPES
1. Standard type
1) Solder terminal
2) Screw terminal
Remarks: 1. Please use switch body with a color cap (sold separately).
2. Standard installation accessories are included with the product.
3. For UL/C-UL certified products, please add “UL” before “F” at the end of part number when ordering.
Number of poles
Kind of operation
< >: Momentary position
Wire lead type
Product No.
1-pole
ON-OFF
TRC115A-
∗F
ON-ON
TRC115D-
∗F
ON-OFF-ON
TRC115E-
∗F
ON-<ON>
TRC115F-
∗F
<ON>-OFF-<ON>
TRC115G-
∗F
ON-OFF-<ON>
TRC115H-
∗F
2-pole
ON-OFF
TRC215K-
∗F
ON-ON
TRC215N-
∗F
ON-OFF-ON
TRC215P-
∗F
ON-<ON>
TRC215R-
∗F
<ON>-OFF-<ON>
TRC215S-
∗F
ON-OFF-<ON>
TRC215T-
∗F
Number of poles
Kind of operation
< >: Momentary position
Wire lead type
Product No.
1-pole
ON-OFF
TRC115A-
∗F
2-pole
ON-OFF
TRC215K-
∗F
Number of poles
Kind of operation
Solder terminal
Product No.
1-pole
Momentary
TB110F-F
Alternate
TB115D-F
2-pole
Momentary
TB210R-F
Alternate
TB215N-F
Number of poles
Kind of operation
Screw terminal
Product No.
1-pole
Momentary
TB110F-SF
Alternate
TB115D-SF
2-pole
Momentary
TB210R-SF
Alternate
TB215N-SF
With color
cap installed
Switch body
Color cap
(sold separately)
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com