Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 14 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 14 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor T315K-F Datasheet HTML 13Page - Panasonic Semiconductor T315K-F Datasheet HTML 14Page - Panasonic Semiconductor T315K-F Datasheet HTML 15Page - Panasonic Semiconductor T315K-F Datasheet HTML 16Page - Panasonic Semiconductor T315K-F Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
T15
PUSH-BUTTON TYPE DIMENSIONS (mm) (General tolerance: ±0.5)
4. Wire leads type
3
13
°
200±20
2
1
34
17 24
10±4
6
3
5
2
34
13
°
42.2
2.5
7.8
41
41
10±4
4
1
29
22
200±20
2.5
7.8
1-pole
2-pole
Color of wire leads
No.
Color
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
45.4
Remarks: 1. ON-OFF type does not have terminal
No. 2 and 5.
2. Dimensions of handle: 1-pole: 12.6
× 29,
2-pole: 17.4
× 29
3. 600 V vinyl wire (VSF, thick: 2 mm2,
length: 200 mm) is used. Please inquire
about type and different length of lead
wire.
1. Standard type
• Solder terminal, Momentary
29
15.8
33
17.3
23.7
6
Keyway
4.7
M12
×1
13.2 dia.
9
26.9
6
Keyway
14
4.7
9
15.9
13.2 dia.
M12
×1
1-pole
2-pole
19.5
• Solder terminal, Alternate
M12
×1
29
15.8
6
32.4
Keyway
14
5.9
17.1
9
13.2 dia.
M12
×1
33
6
32.4
Keyway
14
5.9
9
17.1
13.2 dia.
1-pole
2-pole
19.5
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
2. Panel-sealed type
• Solder terminal, Momentary
29
15.8
33
17.7
23.7
15.9
6
D cut
4.3
7.5
13.2 dia.
9
26.9
6
M12
×1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12
×1
1-pole
2-pole
19.5
• Solder terminal, Alternate
29
15.8
6
32.4
33
6
32.4
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12
×1
14.4
15.9
D cut
4.3
7.5
13.2 dia.
9
M12
×1
1-pole
2-pole
19.5
• Screw terminal (M3.5)
Dimensions other than listed below are
same as those of solder terminal type.
29
15.8
9.3
33
19.5
9.3
1-pole
2-pole
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com