Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 11 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 11 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 7Page - Panasonic Semiconductor T315K-F Datasheet HTML 8Page - Panasonic Semiconductor T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor T315K-F Datasheet HTML 13Page - Panasonic Semiconductor T315K-F Datasheet HTML 14Page - Panasonic Semiconductor T315K-F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
T15
TOGGLE TYPE DIMENSIONS (mm) (General tolerance: ±0.5)
1. Standard type
1) Solder terminal
23.7
6
29
M12
×1
Keyway
Keyway
Hole for wire
leads: 2 dia.
Length: 4
6.1 dia.
30
°±4°
12±0.4
17.5±0.4
15.8
Hole for wire
leads: 2 dia.
Length: 4
27
6
33
19.5
M12
×1
17.5±0.4
12±0.4
6.1 dia.
30
°±8°
1-pole
2-pole
M12
×1
Hole for wire
leads: 2 dia.
Length: 4
30
°±4°
17.5±0.4
12±0.4
27
6
33
6.1 dia.
28
Hole for wire
leads: 2 dia.
Length: 4
30
°±4°
17.5±0.4
12±0.4
M12
×1
6.1 dia.
36.5
27
6
33
3-pole
4-pole
Keyway
Keyway
Remark: ON-OFF type does not have terminal No. 2, 5, 8 and 11.
2) Screw terminal (M3.5)
15.8
19.5
23.7
6
29
6.1 dia.
30.3
9.3
17.5±0.4
12±0.4
6.1 dia.
12±0.4
17.5±0.4
33±0.4
1-pole
2-pole
Keyway
Keyway
30
°±4°
30
°±8°
M12
×1
M12
×1
28
9.3
30.3
36.5
9.3
30.3
6.1 dia.
17.5±0.4
12±0.4
33±0.4
17.5±0.4
12±0.4
33±0.4
6.1 dia.
3-pole
4-pole
Keyway
Keyway
30
°±4°
30
°±4°
M12
×1M12×1
Remark: ON-OFF type does not have terminal No. 2, 5, 8 and 11.
3) .250 Quick-connect terminal
6.1 dia.
29
15.8
27
9.3
19.5
9.3
30.3
17.5±0.4
12±0.4
17.5±0.4
12±0.4
6.1 dia.
6-.250 Quick-
connect terminal
3-.250 Quick-
connect terminal
33
1-pole
2-pole
Keyway
Keyway
30
°±4°
30
°±8°
M12
×1
M12
×1
9.3
30.3
9.3
36.5
30.3
6.1 dia.
17.5±0.4
12±0.4
6.1 dia.
12±0.4
17.5±0.4
28
9-.250 Quick-
connect terminal
33
12-.250 Quick-
connect terminal
33
3-pole
4-pole
Keyway
Keyway
30
°±8°
30
°±8°
M12
×1
M12
×1
Remark: 1. ON-OFF type does not have terminal No. 2, 5, 8 and 11.
2. There is no through-hole on .250 Quick-connect terminals.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com