Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 12 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 12 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 8Page - Panasonic Semiconductor T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor T315K-F Datasheet HTML 13Page - Panasonic Semiconductor T315K-F Datasheet HTML 14Page - Panasonic Semiconductor T315K-F Datasheet HTML 15Page - Panasonic Semiconductor T315K-F Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
T15
2. Panel-sealed type
1) Solder terminal
17.5
7.5
6
15.8
23.7
10
29
19.5
33
5.5 dia.
18 dia.
M12
×1
26.9
10
7.5
17.5
D cut
30
°±4°
M12
×1
18 dia.
D cut
30
°±8°
5.5 dia.
1-pole
2-pole
2) Screw terminal (M3.5)
5.5 dia.
18 dia.
30
°±4°
M12
×1
18 dia.
30
°±8°
9
15.8
27
29
7.5
17.5
10
9.3
19.5
30.2
7.5
17.5
10
33
D cut
M12
×1
D cut
5.5 dia.
1-pole
2-pole
Remark: ON-OFF type does not have terminal No. 2 and 5.
3. Terminal-sealed type
1) Solder terminal
29
26.9
19.5
5
33
10.3
7.5
17.5
5.5 dia.
30
°±4°
M12
×1
18 dia.
30
°±8°
5.5 dia.
15.8
23.7
5
10.3
7.5
17.5
D cut
D cut
M12
×1
18 dia.
1-pole
2-pole
2) Screw terminal (M3.5)
7.5 10.3
15.8
29
10.3
17.5
29
33
7.5 10.3
19.5
32.2
10.3
17.5
5.5 dia.
M12
×1
18 dia.
30
°±8°
5.5 dia.
M12
×1
18 dia.
D cut
D cut
1-pole
2-pole
30
°±4°
Remark: ON-OFF type does not have terminal No. 2 and 5.
4. Wire leads type
30
°±8°
4
1
5.5 dia.
18 dia.
30.6
2
3
1
D cut
30
°±4°
10±4
15.8
200±20
33
6
3
2
5
7.5
17.5
10.3
33.2
D cut
21.1
10±4
200±20
18 dia.
5.5 dia.
10.3
7.5
36.4
17.5
1-pole
2-pole
Color of wire leads
No.
Color
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
M12
×1
M12
×1
Remarks: 1. ON-OFF type does not have wire lead
No. 2 and 5.
2. 600 V vinyl wire (VSF, thick: 2 mm2,
length: 200 mm) is used. Please inquire
about type and different length of lead
wire.
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com