| Zakładka z wyszukiwarką danych komponentów |
|
T315K-F Arkusz danych(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
T315K-F Arkusz danych(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 17 page ![]() T15 ASSORTMENT Remarks: *1: Only standard type *2: Only wire leads type 15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES T15 SERIES SWITCHES Kind of actuator Standard type Sealed type Number of pole Shape of terminal Panel- sealed type Terminal- sealed type Wire leads type 1P 2P 3P 4P Solder terminal Screw terminal .250 Quick- connect terminal Wire lead Toggle type Available Available Available Available Available Available Available*1 Available*1 Available Available Available*1 Available*2 Rocker type Available Available Available Available Available Available — — Available Available — Available*2 Push-button type Available Available — — Available Available — — Available Available — — FEATURES 1. Series now includes rocker and push-button switches. Based on the well-established T-15 Series switch, the mechanism is kept as is and a rocker type and push-button type have been added to the series. (Note that the push-button type is rated at 10 A.) 2. Sealed type added for use in different environments. Packing is used where parts join and an O-ring is used to seal moving parts. New to the series, this type can be used in harsh environments such as those with water, oil, dust, and gas. • Panel-sealed type Entry of water, oil, dust and gas from the front of the panel is prevented. (Panel front: IP67*; Inside of panel: IP40) • Terminal-sealed type Both switch body and terminals have been sealed to protect from dust and gas that enters from the panel. (Panel front: IP67*; Inside of panel: IP60) • Wire lead type Furthermore, a cover is provided for the terminals to keep out water and oil that enters from the panel. (Panel front: IP67*; Inside of panel: IP67) Remark: The asterisk in “Panel front: IP67*” means this only applies to toggle and push-button types. The panel surface for the rocker type is IP64. Please see NOTES 1 and 2 regarding use of the sealed type. 3. Rubber cap also available in silicon type for excellent weather resistance. • 5 colors available so you can distinguish switches by purpose. <Example> Black: For main power supply Grey: For setting and switching Red: For resetting • With a usable ambient temperature range of –25 °C to +85°C, use is possible in environments that require resistance against heat and cold. PRECAUTIONS WHEN USING CADMIUM-FREE CONTACT TYPE Models with cadmium-free contacts have been introduced in order to reduce environmentally harmful substances. (“F” is affixed to the end of the part number.) We ask customers who are currently using products with cadmium-containing contacts (no “F” at the end of the part number) to please make the switch to models with cadmium-free contacts. When switching, operating life may differ depending on the load. Please be sure to verify this by conducting an evaluation using actual equipment. 12 dia. Angled hole Toggle Push- button Rocker Compliance with RoHS Directive Prevention of water, oil, dust, and gases from entering through the panel with O-rings Sealing the joint part of switch body with packing rubber. Terminal area is sealed with epoxy resin. Sealing with a cover and epoxy resin. All Rights Reserved © C OPYRIGHT Panasonic Electric Works Co., Ltd. |
Podobny numer części - T315K-F |
|
Podobny opis - T315K-F |