Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 16 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 16 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor T315K-F Datasheet HTML 13Page - Panasonic Semiconductor T315K-F Datasheet HTML 14Page - Panasonic Semiconductor T315K-F Datasheet HTML 15Page - Panasonic Semiconductor T315K-F Datasheet HTML 16Page - Panasonic Semiconductor T315K-F Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
T15
ELECTRICAL CIRCUIT DIAGRAM
1. Toggle type and Rocker type
Remarks: *1. For ON-<ON>, ON-OFF-<ON> type of toggle, if the lever turns to the keyway side, it takes momentary position.
*2. For the rocker type, if the actuator turns to the left side in view of the side where a part number is marked, it takes momentary position.
*3. Only standard type
2. Push-button type
Number of pole
1-pole
2-pole
3-pole
4-pole
Toggle type
Available
Available
Available *3
Available *3
Rocker type
Available
Available
—
—
Terminal arrangement
(As seen from terminal side)
Handle shape
Toggle type
Rocker type
ON-OFF
1-3
1-3, 4-6
1-3, 4-6, 7-9
1-3, 4-6, 7-9, 10-12
——
————
————
ON-ON
ON-<ON>
*1
2-3
2-3, 5-6
2-3, 5-6, 8-9
2-3, 5-6, 8-9, 11-12
——
————
1-2
1-2, 4-5
1-2, 4-5, 7-8
1-2, 4-5, 7-8, 10-11
ON-OFF-ON
<ON>-OFF-<ON>
ON-OFF-<ON>
*1
2-3
2-3, 5-6
2-3, 5-6, 8-9
2-3, 5-6, 8-9, 11-12
————
1-2
1-2, 4-5
1-2, 4-5, 7-8
1-2, 4-5, 7-8, 10-11
Remarks
ON-OFF type does
not have a terminal
No. 2.
ON-OFF type does
not have terminal
No. 2 and 5.
ON-OFF type does
not have terminal
No. 2, 5 and 8.
ON-OFF type does
not have terminal
No. 2, 5, 8 and 11.
1-pole
2-pole
Terminal arrangement
(As seen from terminal side)
Push-button position
and contact terminal number
2-3
2-3, 5-6
1-2
1-2, 4-5
Keyway
Keyway
Keyway
Keyway
Keyway
Right
Part No.
Keyway
Left
Keyway
Right
Part No.
Keyway
Left
*2
Keyway
Right
Part No.
Keyway
Center
Keyway
Left
Keyway
Keyway
Operated
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com