Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T315K-F Arkusz danych(PDF) 10 Page - Panasonic Semiconductor

Numer części T315K-F
Szczegółowy opis  15A HIGH SNAP SWITCHES TOGGLE, ROCKER AND PUSH-BUTTON TYPES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T315K-F Arkusz danych(HTML) 10 Page - Panasonic Semiconductor

Back Button T315K-F Datasheet HTML 6Page - Panasonic Semiconductor T315K-F Datasheet HTML 7Page - Panasonic Semiconductor T315K-F Datasheet HTML 8Page - Panasonic Semiconductor T315K-F Datasheet HTML 9Page - Panasonic Semiconductor T315K-F Datasheet HTML 10Page - Panasonic Semiconductor T315K-F Datasheet HTML 11Page - Panasonic Semiconductor T315K-F Datasheet HTML 12Page - Panasonic Semiconductor T315K-F Datasheet HTML 13Page - Panasonic Semiconductor T315K-F Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
T15
SPECIFICATIONS
1. Contact rating
1) Toggle type and Rocker type
2) Push-button type (momentary)
3) Push-button type (alternate)
2. Characteristics
DATA (Electrical life, For toggle standard type)
Tested condition: 250 V AC, Power factor: 0.6 and 10 cpm
Kind of load
AC
DC
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Inductive load
15A 250V (Power factor: 0.6)
0.3A 250V (Time constant: 8 ms),
0.5A 125V (Time constant: 8 ms)
15A 30A (Time constant: 8 ms)
Lamp load
(incandescent)
400W 100V, 800W 200V, Inrush current: Max. 40 A
7A 30V
Motor load
(single phase)
400 W 125 V (single phase), 550 W 250 V (single phase),
750 W 250 V (three-phase)
—
Kind of load
AC
DC
Resistive load
10A 250V
0.4A 250V, 0.8A 125V, 8A 30V
Kind of load
AC
DC
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Shape of handle
Toggle type
Rocker type
Push-button type
Protection type
*1: IP40
*2: IP64
*3: IP67
Standard type (*1)
Panel-sealed type (*3)
Terminal-sealed type (*3)
Wire leads type (*3)
Standard type (*1)
Panel-sealed type (*2)
Terminal-sealed type (*2)
Wire leads type (*2)
Standard type (*1)
Panel-sealed type (*3)
Mechanical
expected life
1-pole and 2-pole:
Min. 105
3-pole and 4-pole:
Min. 8.5
×104
Min. 5
×104 (20 cpm)
ON-OFF, ON-ON,
ON-OFF-ON,
Min. 3
×104 (20 cpm)
ON-(ON), (ON)-OFF-(ON),
ON-OFF-(ON)
Min. 3
×104 (20 cpm)
Electrical expected life
(10 cpm)
Standard and panel-sealed types: Min. 3
×104
Terminal-sealed and wire leads types: Min. 1.5
×104
Standard type: Min. 3
×104
Panel-sealed, terminal-
sealed and wire leads types:
Min. 104
Min. 104
Breakdown voltage
1500 Vrms (at detection current: 10mA)
Insulation resistance
Min. 100 M
Ω (at 500 V DC measured by insulation resistive meter)
Contact resistance
Wire leads type: Initial, Max. 30 m
Ω (By voltage drop at 1 A, 2 to 4 V DC)
Other types: Initial, Max. 10 m
Ω (By voltage drop at 1 A, 2 to 4 V DC)
Actuator strength
112.7N for 1 min.
Vibration resistance
10 to 55 Hz at double amplitude of 1.5 mm (contact opening: Max. 10 ms)
Terminal strength
(static load)
24.5N for 1 min.
Ambient temperature
–25
°C to +70°C (Not freezing below 0°C)
Contact material
AgZnO alloy
Current (A)
2-pole and 1pole types
4-pole and 3-pole types
2
0
1
2
3
4
5
6
7
8
9
10
610
1418
22
2630
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com