Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 44 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
General Release Specification
CPU Registers
MC68HC705C9A — Rev. 2.0
Central Processing Unit
3.3.5 Condition Code Register (CCR)
The CCR is a 5-bit register in which four bits are used to indicate the
results of the instruction just executed, and the fifth bit indicates whether
interrupts are masked. These bits can be individually tested by a
program, and specific actions can be taken as a result of their state.
Each bit is explained in the following paragraphs.
Half Carry (H)
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, the timer, SCI, SPI, and external interrupt are
masked (disabled). If an interrupt occurs while this bit is set, the
interrupt is latched and processed as soon as the interrupt bit is
cleared.
Negative (N)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was negative.
Zero (Z)
When set, this bit indicates that the result of the last arithmetic, logical,
or data manipulation was zero.
Carry/Borrow (C)
When set, this bit indicates that a carry or borrow out of the arithmetic
logical unit (ALU) occurred during the last arithmetic operation. This
bit is also affected during bit test and branch instructions and during
shifts and rotates.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com