Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 68 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
General Release Specification
Timer Operation
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
Figure 8-1. Capture/Compare Timer Block Diagram
8.3 Timer Operation
The core of the capture/compare timer is a 16-bit free-running counter.
The counter provides the timing reference for the input capture and
output compare functions. The input capture and output compare
functions provide a means to latch the times at which external events
occur, to measure input waveforms, and to generate output waveforms
and timing delays. Software can read the value in the 16-bit free-running
counter at any time without affecting the counter sequence.
Because of the 16-bit timer architecture, the I/O registers for the input
capture and output compare functions are pairs of 8-bit registers.
INPUT
CAPTURE
REGISTER
CLOCK
INTERNAL BUS
OUTPUT
COMPARE
REGISTER
HIGH
BYTE
LOW
BYTE
$16
$17
÷4
INTERNAL
PROCESSOR
16-BIT FREE
RUNNING
COUNTER
COUNTER
ALTERNATE
REGISTER
8-BIT
BUFFER
HIGH
BYTE
LOW
BYTE
$1A
$1B
$18
$19
HIGH
BYTE
LOW
BYTE
$14
$15
OUTPUT
COMPARE
CIRCUIT
OVERFLOW
DETECT
CIRCUIT
EDGE
DETECT
CIRCUIT
TIMER
STATUS
REG.
ICF OCF TOF $13
ICIE
IEDG OLVL
OUTPUT
LEVEL
REG.
RESET
TIMER
CONTROL
REG.
$12
OUTPUT
LEVEL
(TCMP)
INTERRUPT CIRCUIT
TOIE
OCIE
EDGE
INPUT
(TCAP)
D
CLK
C
Q
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com