Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 82 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
General Release Specification
SCI Receiver Features
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
9.4 SCI Receiver Features
Features of the SCI receiver include:
•
Receiver Wakeup Function (Idle Line or Address Bit)
•
Idle Line Detection
•
Framing Error Detection
•
Noise Detection
•
Overrun Detection
•
Receiver Data Register Full Flag
9.5 SCI Transmitter Features
Features of the SCI transmitter include:
•
Transmit Data Register Empty Flag
•
Transmit Complete Flag
•
Send Break
9.6 Functional Description
A block diagram of the SCI is shown in Figure 9-1. Option bits in serial
control register1 (SCCR1) select the wakeup method (WAKE bit) and
data word length (M bit) of the SCI. SCCR2 provides control bits that
individually enable the transmitter and receiver, enable system
interrupts, and provide the wakeup enable bit (RWU) and the send break
code bit (SBK). Control bits in the baud rate register (BAUD) allow the
user to select one of 32 different baud rates for the transmitter and
receiver.
Data transmission is initiated by writing to the serial communications
data register (SCDR). Provided the transmitter is enabled, data stored in
the SCDR is transferred to the transmit data shift register. This transfer
of data sets the transmit data register empty flag (TDRE) in the SCI
status register (SCSR) and generates an interrupt (if transmitter
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com