Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 72 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
8.4.2 Timer Status Register (TSR)
The timer status register, shown in Figure 8-3, contains flags to signal
the following conditions:
•
An active signal on the TCAP pin, transferring the contents of the
timer registers to the input capture registers
•
A match between the 16-bit counter and the output compare
registers, transferring the OLVL bit to the TCMP pin
•
A timer roll over from $FFFF to $0000
ICF — Input Capture Flag
The ICF bit is set automatically when an edge of the selected polarity
occurs on the TCAP pin. Clear the ICF bit by reading the timer status
register with ICF set and then reading the low byte ($0015) of the
input capture registers. Resets have no effect on ICF.
OCF — Output Compare Flag
The OCF bit is set automatically when the value of the timer registers
matches the contents of the output compare registers. Clear the OCF
bit by reading the timer status register with OCF set and then reading
the low byte ($0017) of the output compare registers. Resets have no
effect on OCF.
TOF — Timer Overflow Flag
The TOF bit is set automatically when the 16-bit counter rolls over
from $FFFF to $0000. Clear the TOF bit by reading the timer status
register with TOF set, and then reading the low byte ($0019) of the
timer registers. Resets have no effect on TOF.
$0012
Bit 7
654321
Bit 0
Read:
ICF
OCF
TOF
00000
Reset:
U
U
U
00000
U = Undetermined
Figure 8-3. Timer Status Register (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com