Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 71 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
General Release Specification
Timer I/O Registers
MC68HC705C9A — Rev. 2.0
Capture/Compare Timer
OCIE — Output Compare Interrupt Enable
This read/write bit enables interrupts caused by an active signal on
the TCMP pin. Resets clear the OCIE bit.
1 = Output compare interrupts enabled
0 = Output compare interrupts disabled
TOIE — Timer Overflow Interrupt Enable
This read/write bit enables interrupts caused by a timer overflow.
Reset clear the TOIE bit.
1 = Timer overflow interrupts enabled
0 = Timer overflow interrupts disabled
IEDG — Input Edge
The state of this read/write bit determines whether a positive or
negative transition on the TCAP pin triggers a transfer of the contents
of the timer register to the input capture register. Resets have no
effect on the IEDG bit.
1 = Positive edge (low to high transition) triggers input capture
0 = Negative edge (high to low transition) triggers input capture
OLVL — Output Level
The state of this read/write bit determines whether a logic one or logic
zero appears on the TCMP pin when a successful output compare
occurs. Resets clear the OLVL bit.
1 = TCMP goes high on output compare
0 = TCMP goes low on output compare
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com