Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 46 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
General Release Specification
Introduction
MC68HC705C9A — Rev. 2.0
Interrupts
NOTE:
The current instruction is the one already fetched and being operated on.
When the current instruction is complete, the processor checks all
pending hardware interrupts. If interrupts are not masked (CCR I bit
clear) and if the corresponding interrupt enable bit is set, the processor
proceeds with interrupt processing; otherwise, the next instruction is
fetched and executed.
If an external interrupt and a timer, SCI, or SPI interrupt are pending at
the end of an instruction execution, the external interrupt is serviced first.
The SWI is executed the same as any other instruction, regardless of the
I-bit state.
Table 4-1 shows the relative priority of all the possible interrupt sources.
Figure 4-1 shows the interrupt processing flow.
Table 4-1. Vector Addresses for Interrupts and Resets
Function
Source
Local
Mask
Global
Mask
Priority
(1 = Highest)
Vector
Address
Reset
Power-On-Reset
None
None
1
$3FFE–$3FFF
RESET Pin
COP Watchdog
Software
Interrupt
(SWI)
User Code
None
None
Same Priority
As Instruction
$3FFC–$3FFD
External
Interrupt
IRQ Pin
Port B Pins
None
I Bit
2
$3FFA–$3FFB
Timer
Interrupts
ICF Bit
ICIE Bit
I Bit
3
$3FF8–$3FF9
OCF Bit
OCIE Bit
TOF Bit
TOIE Bit
SCI
Interrupts
TDRE Bit
TCIE Bit
I Bit
4
$3FF6–$3FF7
TC Bit
RDRF Bit
RIE Bit
OR BIt
IDLE Bit
ILIE Bit
SPI
Interrupts
SPIF Bit
SPIE
I Bit
5
$3FF4–$3FF5
MODF Bit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com