Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC68HC705C9ACFN Arkusz danych(PDF) 90 Page - Freescale Semiconductor, Inc

Numer części MC68HC705C9ACFN
Szczegółowy opis  General Release Specification
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705C9ACFN Arkusz danych(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC68HC705C9ACFN Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC705C9ACFN Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 157 page
background image
General Release Specification
Transmit Data Out (TDO)
MC68HC705C9A — Rev. 2.0
Serial Communications Interface (SCI)
9.13 Transmit Data Out (TDO)
Transmit data is the serial data from the internal data bus that is applied
through the SCI to the output line. Data format is as discussed in 9.7
Data Format and shown in Figure 9-3. The transmitter generates a bit
time by using a derivative of the RT clock, thus producing a transmission
rate equal to 1/16th that of the receiver sample clock.
9.14 SCI I/O Registers
The following I/O registers control and monitor SCI operation:
•
SCI data register (SCDR)
•
SCI control register 1 (SCCR1)
•
SCI control register 2 (SCCR2)
•
SCI status register (SCSR)
9.14.1 SCI Data Register (SCDR)
The SCI data register, shown in Figure 9-8, is the buffer for characters
received and for characters transmitted.
9.14.2 SCI Control Register 1 (SCCR1)
The SCI control register 1, shown in Figure 9-9, has these functions:
•
Stores ninth SCI data bit received and ninth SCI data bit
transmitted
•
Controls SCI character length
•
Controls SCI wakeup method
$0011
Bit 7
6543
2
1
Bit 0
Read:
BIT7
BIT6
BIT55
BIT4
BIT3
BIT2
BIT1
BIT0
Write:
Reset:
Unaffected by Reset
Figure 9-8. SCI Data Register (SCDR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com