| Zakładka z wyszukiwarką danych komponentów |
|
LSM9DS0TR Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM9DS0TR Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 74 page ![]() DocID024763 Rev 2 21/74 LSM9DS0 Terminology 74 3.2.5 Zero-gauss level The zero-gauss level offset describes the deviation of an actual output signal from the ideal output if no magnetic field is present. Thanks to the Set/Reset Pulse and to the magnetic sensor readout chain, the offset is dynamically cancelled. The Zero-gauss level does not show any dependency on temperature or power supply. 3.2.6 Zero-rate level The zero-rate level describes the actual output signal if there is no angular rate present. The zero-rate level of highly accurate MEMS sensors is, to some extent, a result of stress to the sensor and therefore the zero-rate level can slightly change after mounting the sensor onto a printed circuit board or after exposing it to extensive mechanical stress. This value changes very little over temperature and time. |