| Zakładka z wyszukiwarką danych komponentów |
|
AN3128 Arkusz danych(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Arkusz danych(HTML) 58 Page - STMicroelectronics |
|
58 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 58/105 Doc ID 16918 Rev 5 4.2.1 GL_ErrStatus type /* Error status types */ typedef enum { GL_ERROR = 0, GL_OK = !GL_ERROR } GL_ErrStatus; 4.2.2 GL_Direction type /* Direction of LCD orientation */ typedef enum { GL_HORIZONTAL = 0, GL_VERTICAL } GL_Direction; 4.2.3 GL_ButtonStatus type /* Status value type */ typedef enum { UNSELECTED = 0, SELECTED = 1, NULL = 2 } GL_ButtonStatus; 4.2.4 GL_ObjType type /* Enumerator for Graphic Object types */ typedef enum{ GL_BUTTON, GL_RADIO_BUTTON, GL_CHECKBOX, GL_LABEL, GL_SWITCH, GL_ICON, GL_COMBOBOX, GL_SLIDEBAR }GL_ObjType; 4.2.5 GL_Coordinate_TypeDef type /* Display Coordinates for the Graphic Object */ typedef struct { GL_uint16_t MaxX; GL_uint16_t MinX; GL_uint16_t MaxY; GL_uint16_t MinY; }GL_Coordinate_TypeDef; 4.2.6 GL_PageControls_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_PageControlsObj GL_PageControls_TypeDef; struct GL_PageControlsObj { void* objPTR; GL_Coordinate_TypeDef objCoordinates; GL_ObjType objType; }; |