| Zakładka z wyszukiwarką danych komponentów |
|
AN3128 Arkusz danych(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Arkusz danych(HTML) 64 Page - STMicroelectronics |
|
64 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 64/105 Doc ID 16918 Rev 5 4.2.23 TSC_HW_Parameters_TypeDef type /* Object type */ typedef struct /* It contains the Hardware Parameter for the Touchscreen Controller (Bus, Port, Pins) */ { GL_uint8_t TSC_PortSource; GL_uint16_t TSC_PinSource; GL_uint8_t TSC_Exti_IrqChannel; GL_uint32_t TSC_Exti_Line; GL_PortType * TSC_Gpio_Port; GL_uint16_t TSC_Gpio_Pin; GL_uint16_t TSC_DeviceRegister; GL_I2CType * TSC_Bus_Port }TSC_HW_Parameters_TypeDef; 4.2.24 JOY_HW_Parameters_TypeDef type /* Object type */ typedef struct /* It contains the Hardware Parameter for the Joystick (Bus, Port, Pins) */ { GL_uint8_t JOY_PortSource; GL_uint8_t JOY_PinSource; GL_PortType * JOY_Select_Port; GL_PortType * JOY_Right_Port; GL_PortType * JOY_Left_Port; GL_PortType * JOY_Up_Port; GL_PortType * JOY_Down_Port; GL_uint16_t JOY_Select_Pin; GL_uint16_t JOY_Right_Pin; GL_uint16_t JOY_Left_Pin; GL_uint16_t JOY_Up_Pin; GL_uint16_t JOY_Down_Pin; GL_uint32_t JOY_Rcc_APBPeriph_GpioSel; GL_uint32_t JOY_Rcc_APBPeriph_GpioRight; GL_uint32_t JOY_Rcc_APBPeriph_GpioLeft; GL_uint32_t JOY_Rcc_APBPeriph_GpioUp; GL_uint32_t JOY_Rcc_APBPeriph_GpioDown; GL_uint8_t JOY_Exti_IrqChannel; GL_uint32_t JOY_Exti_Line; GL_uint16_t JOY_DeviceRegister; }JOY_HW_Parameters_TypeDef; 4.2.25 JOY_ReadMode type /* Joystick Reading Mode */ typedef enum /* It contains the Reading Mode Parameter for the Joystick (Polling Mode, IOExpander) */ { IOEXP_MODE = 0, POLLING_MODE = 1, INTERRUPT = 2 }JOY_ReadMode; |