Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3128 Arkusz danych(PDF) 81 Page - STMicroelectronics

Numer części AN3128
Szczegółowy opis  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Arkusz danych(HTML) 81 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 77Page - STMicroelectronics AN3128 Datasheet HTML 78Page - STMicroelectronics AN3128 Datasheet HTML 79Page - STMicroelectronics AN3128 Datasheet HTML 80Page - STMicroelectronics AN3128 Datasheet HTML 81Page - STMicroelectronics AN3128 Datasheet HTML 82Page - STMicroelectronics AN3128 Datasheet HTML 83Page - STMicroelectronics AN3128 Datasheet HTML 84Page - STMicroelectronics AN3128 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 105 page
background image
AN3128
Multi-input embedded GUI library firmware
Doc ID 16918 Rev 5
81/105
4.6.21
GL_NVIC_SetVectorTable HAL function
Table 60 describes the GL_NVIC_SetVectorTable function of the hardware abstraction layer.
4.6.22
GL_NVIC_Init HAL function
Table 61 describes the GL_NVIC_Init function of the hardware abstraction layer.
Input parameter {x}
SPIx: where x can be 1, 2 or 3 to select the SPI peripheral.
SPI_InitStruct: pointer to a SPI_InitTypeDef structure that contains the
configuration information for the specified SPI peripheral.
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
SPI_Init (SPIx, &tmp)
Table 59.
GL_SPI_Init (continued)
Name
Description
Table 60.
GL_NVIC_SetVectorTable
Name
Description
Function name
GL_NVIC_SetVectorTable
Function prototype
void GL_NVIC_SetVectorTable (GL_uint32_t NVIC_VectTab, GL_uint32_t
Offset)
Behavior description
Sets the vector table location and offset
Input parameter {x}
NVIC_VectTab: specifies if the vector table is in RAM or Flash memory. This
parameter can be one of the following values:
– NVIC_VectTab_RAM
– NVIC_VectTab_FLASH
Offset: vector table base offset field. This value must be a multiple of 0x100.
Output parameter {x}
None
Return value
None
Required preconditions None
Called functions
NVIC_SetVectorTable (NVIC_VectTab, Offset)
Table 61.
GL_NVIC_Init
Name
Description
Function name
GL_NVIC_Init
Function prototype
void GL_NVIC_Init (GL_NVIC_InitTypeDef* NVIC_InitStruct)
Behavior description
Initializes the NVIC peripheral according to the specified parameters in the
NVIC_InitStruct
Input parameter {x}
NVIC_InitStruct: pointer to a NVIC_InitTypeDef structure that contains the
configuration information for the specified NVIC peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More