| Zakładka z wyszukiwarką danych komponentów |
|
AN3128 Arkusz danych(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Arkusz danych(HTML) 38 Page - STMicroelectronics |
|
38 / 105 page ![]() Multi-input embedded GUI library firmware AN3128 38/105 Doc ID 16918 Rev 5 4.1.15 DestroyPage API global function Table 20 describes the DestroyPage function: Example: GL_ErrStatus errStatus; /* Declares and initiates a Page Object */ GL_Page_TypeDef page1; Create_PageObj( &page1 ); . . . . . . /* Adding an object with specified coordinates to a PageControl */ errStatus = AddPageControlObj( (uint16_t)(LCD_Width/2), (uint8_t)(LCD_Height/2), MyGraphicObject, &page1); /* De-allocate all the Object belonging to a Page */ DestroyPage(&page1); Once a page object instance is created, it can be destroyed at any time using the DestroyPage function, and its pointer is set to NULL. 4.1.16 Set_Label API global function Table 21 describes the Set_Label function: Table 20. DestroyPage API function Name Description Function name DestroyPage Function prototype GL_ErrStatus DestroyPage (GL_Page_TypeDef * pPage) Behavior description Free the allocated memory for all the PageControl objects belonging to a page Input parameter {x} *pPage: pointer to page structure Output parameter {x} None Return value GL_OK if successful, GL_ERROR otherwise Required preconditions NewXXX must have been called before, where XXX represents a kind of graphical object Called functions No API/HAL layer functions Table 21. Set_Label API function Name Description Function name Set_Label Function prototype GL_ErrStatus Set_Label (GL_Page_TypeDef* pPage, char* objName, char* Label) Behavior description Modify the Label in a Label Object |