Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3128 Arkusz danych(PDF) 36 Page - STMicroelectronics

Numer części AN3128
Szczegółowy opis  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Arkusz danych(HTML) 36 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 32Page - STMicroelectronics AN3128 Datasheet HTML 33Page - STMicroelectronics AN3128 Datasheet HTML 34Page - STMicroelectronics AN3128 Datasheet HTML 35Page - STMicroelectronics AN3128 Datasheet HTML 36Page - STMicroelectronics AN3128 Datasheet HTML 37Page - STMicroelectronics AN3128 Datasheet HTML 38Page - STMicroelectronics AN3128 Datasheet HTML 39Page - STMicroelectronics AN3128 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 105 page
background image
Multi-input embedded GUI library firmware
AN3128
36/105
Doc ID 16918 Rev 5
Example:
/* Declares and initiates a Page Object */
GL_Page_TypeDef page1;
Create_PageObj( &page1 );
/* Declares & initiates a GraphChart Object and add it with specified coordinates to
a Page Object */
int16_tMyChartPoints[24];
MyChartPoints = {1,2,3,4,5,6,7,8,9,10,11,12,13,14,15,16,17,18,19,20,21,22,23,24};
GL_PageControls_TypeDef* MyGraphChart = NewGraphChart("MyGraphChart", "Hours", "Wh",
MyChartPoints, 24);
AddPageControlObj( 0, 0, MyGraphChart, &page1 );
Once a GraphChart object instance is created using the NewGraphChart function, the
GraphChart object itself provides all its features through its internal function pointers.
Figure 14, 15, 16, show, in detail, the GraphChart object properties and methods which the
final application can use to interact with.
4.1.13
AddPageControlObj API global function
Table 18 describes the AddPageControlObj function:
The values of PosX and PosY parameters represent the coordinates of the top-left corner of
the object according to the origin coordinates placed in the top-right corner of the LCD.
Return value
The created object pointer or null if the object cannot be created
Required preconditions None
Called functions
No API/HAL layer functions
Table 17.
NewGraphChart API function (continued)
Function name
NewGraphChart
Table 18.
AddPageControlObj API function
Name
Description
Function name
AddPageControlObj
Function prototype
GL_ErrStatus AddPageControlObj (GL_uint16_t PosX, GL_uint8_t PosY,
GL_PageControls_TypeDef* objPTR, GL_Page_TypeDef* pagePTR)
Behavior description
Add a new control object to the page
Input parameter {x}
PosX & PosY: max and min coordinates for X and Y axis
*objPTR: pointer to object structure
*pagePTR: pointer to page structure
Output parameter {x}
None
Return value
GL_OK if successful, GL_ERROR otherwise
Required preconditions
NewXXX must have been called before, where XXX represents a kind of
graphical object
Called functions
No API/HAL layer functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More