Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3128 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części AN3128
Szczegółowy opis  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Arkusz danych(HTML) 1 Page - STMicroelectronics

  AN3128 Datasheet HTML 1Page - STMicroelectronics AN3128 Datasheet HTML 2Page - STMicroelectronics AN3128 Datasheet HTML 3Page - STMicroelectronics AN3128 Datasheet HTML 4Page - STMicroelectronics AN3128 Datasheet HTML 5Page - STMicroelectronics AN3128 Datasheet HTML 6Page - STMicroelectronics AN3128 Datasheet HTML 7Page - STMicroelectronics AN3128 Datasheet HTML 8Page - STMicroelectronics AN3128 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
June 2011
Doc ID 16918 Rev 5
1/105
AN3128
Application note
STM32 embedded graphic objects/touchscreen library
Introduction
This library is a firmware package which contains a collection of routines, data structures,
and macros covering the main features of a graphic library and supporting a HID device to
interact with the graphic objects (touchscreen, joystick, and pushbutton).
The library is general purpose and can be executed on any CPU, 8/16/32-bit, to guarantee
the maximum portability of any architecture or LCD controller, and it provides a graphical
user interface (GUI) for any application that operates with a graphical LCD.
While the firmware library functions with all currently available STM32 microcontrollers,
(STM32F10xxx, STM32L1xx and STM32F2xx series), this document describes the
firmware library through the implementation of a graphic library for embedded systems
based on the STM32F10xxx microcontroller family.
It can easily be used in the user application without an in-depth study of STM32 registers,
SPI, and I2C read/write operation steps. As a result, using the firmware library saves
significant time that would otherwise be spent in coding, while at the same time reducing the
application development and integration costs.
The firmware architecture is developed in separate layers and the HAL (hardware
abstraction layer) makes it independent from the microcontroller used in the final
application.
A set of fonts is included: 8x12 and 16x24.
Even though the firmware library source code is developed in 'ANSI-C', the code
architecture follows an OOP (object oriented programming) approach.
Section 1 describes the document and library rules.
Section 2 highlights the features of the STMPE811 and explains its hardware interface with
a device microcontroller (STM32 in this case).
Section 3 and 4 describe the library features, its architecture and its exported APIs
(application programming interfaces) in detail.
Section 5 contains an example application source code describing how to configure and use
the library.
Section 6 contains information about the embedded GUI resource editor application.
www.st.com


Podobny numer części - AN3128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN3123 STMICROELECTRONICS-AN3123 Datasheet
224Kb / 30P
Using the UART interfaces in the SPEAr embedded MPU family
12-Mar-2012
AN3126 STMICROELECTRONICS-AN3126 Datasheet
835Kb / 24P
Audio and waveform generation using the DAC in STM32 microcontrollers
16-Apr-2015
AN3129 STMICROELECTRONICS-AN3129 Datasheet
194Kb / 12P
Real-time performance using FIQ interrupt handling in SPEAr MPUs
05-Jan-2010
More results

Podobny opis - AN3128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
This document contains a list of frequently
02-Apr-2010
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
STR71x firmware library
Sep-2007
logo
Murata Manufacturing Co...
PKB24SWH3301 MURATA-PKB24SWH3301 Datasheet
182Kb / 3P
this is a unified piezoelectric sounder which has a piezoelectric
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
This device contains a single gate which performs the logic NAND function
logo
Laird Tech Smart Techno...
66T0153-30P LSTD-66T0153-30P Datasheet
50Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0154-70P LSTD-66T0154-70P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0157-00P LSTD-66T0157-00P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
66T0231-10P LSTD-66T0231-10P Datasheet
49Kb / 1P
Laird This document contains information which is proprietary to laird
66T0231-70P LSTD-66T0231-70P Datasheet
49Kb / 1P
Steward This document contains information which is proprietary to Steward
logo
Tyco Electronics
408-4348 MACOM-408-4348 Datasheet
246Kb / 5P
Attached to the outside of the frame is a locator assembly, which contains a locator, a spring retainer, and a contact support.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com