| Zakładka z wyszukiwarką danych komponentów |
|
AN3128 Arkusz danych(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3128 Arkusz danych(HTML) 59 Page - STMicroelectronics |
|
59 / 105 page ![]() AN3128 Multi-input embedded GUI library firmware Doc ID 16918 Rev 5 59/105 4.2.7 GL_Label_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_LabelObj GL_Label_TypeDef; struct GL_LabelObj { const uint8_t GL_ObjType objType; const uint8_t label[MAX_LABEL_LENGTH]; __IO uint8_t FontSize; GL_bool Control_Visible; GL_ErrStatus (*SetLabelVisible)(GL_Label_TypeDef* pThis, GL_Coordinate_TypeDef objCoordinates); }; 4.2.8 GL_Button_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_ButtonObj GL_Button_TypeDef; struct GL_ButtonObj { const uint8_t objName[MAX_NAME_LENGHT]; GL_ObjType objType; GL_uint8_t* ImageClickedPTR; GL_uint8_t* ImageUnClickedPTR; const uint8_t label[MAX_BUTTON_LABEL_LENGTH]; GL_bool isObjectTouched; GL_bool Control_Visible; GL_ErrStatus (*SetButtonVisible)(GL_Button_TypeDef* pThis, GL_Coordinate_TypeDef objCoordinates); void* (*EventHandler)(void); }; 4.2.9 GL_CheckboxObj_TypeDef type /* Object type */ /* Forward declaration for circular typedefs */ typedef struct GL_ CheckboxObj GL_CheckboxObj_TypeDef; struct GL_ButtonObj { char objName[MAX_NAME_LENGHT]; GL_ObjType objType; GL_uint8_t* ImageClickedPTR; GL_uint8_t* ImageUnClickedPTR; char label[MAX_CHECKBOX_LABEL_LENGTH]; GL_bool IsChecked; GL_bool Control_Visible; GL_ErrStatus (*SetCheckboxVisible)(GL_Checkbox_TypeDef* pThis, GL_Coordinate_TypeDef objCoordinates); void* (*EventHandler)(void); }; |