Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3128 Arkusz danych(PDF) 101 Page - STMicroelectronics

Numer części AN3128
Szczegółowy opis  This library is a firmware package which contains a collection
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3128 Arkusz danych(HTML) 101 Page - STMicroelectronics

Back Button AN3128 Datasheet HTML 97Page - STMicroelectronics AN3128 Datasheet HTML 98Page - STMicroelectronics AN3128 Datasheet HTML 99Page - STMicroelectronics AN3128 Datasheet HTML 100Page - STMicroelectronics AN3128 Datasheet HTML 101Page - STMicroelectronics AN3128 Datasheet HTML 102Page - STMicroelectronics AN3128 Datasheet HTML 103Page - STMicroelectronics AN3128 Datasheet HTML 104Page - STMicroelectronics AN3128 Datasheet HTML 105Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
AN3128
Embedded GUI resource editor application
Doc ID 16918 Rev 5
101/105
Figure 27.
Set the include/source file paths
The resource editor application has an easy integration feature. Open the Tools--> Build
Settings dialog box and select the Include and Source file paths for your embedded project
and save.
Now, after generating the files, just click the “Copy Files” option and the files are
automatically copied from the resource editor output folder to the embedded project source
and include folders. Add these files to the embedded project in the IAR embedded
workbench (or any other IDE you are using).
After these steps are performed, it becomes very easy to make any changes to the resource
editor project. Just make the required changes, click “Generate Files” followed by “Copy
Files” and the changes are immediately reflected in the embedded workspace.
6.3
Description of the generated files
The resource editor GUI generates the following six files as the output of the project:
Image files
●
Pictures.c:
–
contains several arrays of all images used in the GUI in the 5-6-5 format
●
Pictures.h:
–
contains the declaration of all the images used in the GUI
App user files
●
uiappuser.c:
–
contains the definition of all the events for the control used in the GUI e.g. event for
button click
●
uiappuser.h:
–
contains the declaration of all the events for the control used in the GUI
UI framework files
●
uiframework.c:
–
contains all the information required by the embedded GUI library to create the
object. All the objects used in the GUI have their object creation modules with the
user defined settings in this file
–
contains functions to:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More