| Zakładka z wyszukiwarką danych komponentów |
|
UM1865 Arkusz danych(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Arkusz danych(HTML) 75 Page - STMicroelectronics |
|
75 / 132 page ![]() DocID027514 Rev 1 75/132 UM1865 Vendor specific commands 132 Event(s) generated: When the command is completed, a command complete event will be generated by the controller which carries the status of the command and the handle of the characteristic as parameters. 4.5.6 Aci_Gatt_Add_Char_Desc Description: Add a characteristic descriptor to a service. Table 138. Aci_Gatt_Add_Characteristic return parameters Parameter Size Description Status 1 byte 0x00: Success 0x47: Error 0x1F: Out of Memory 0x60: Invalid handle 0x61: Invalid parameter 0x62: Out of handle 0x64: Insufficient resources 0x66: Character Already Exists Char_Handle 2 bytes Handle of the Characteristic Table 139. Aci_Gatt_Add_Char_Desc Command name Parameters Return Aci_Gatt_Add_Char_Desc (0xFD05) Service_Handle Char_Handle Char_Desc_UUID_Type Char_Desc_UUID Char_Desc_Value_Max_Length Char_Desc_Value_Length Char_Desc_Value Security_Permissions Access_Permissions Gatt_Evt_Mask Encryption_Key_Size isVariable Status Char desc handle |