| Zakładka z wyszukiwarką danych komponentów |
|
UM1865 Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1865 Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 132 page ![]() DocID027514 Rev 1 11/132 UM1865 ACI command data format 132 0x0406, the 6-bit OGF is 0x01, and its OCF is 0x06. So this is a standard HCI command, HCI_Disconnect. 2.3 HCI event packet The BlueNRG-MS uses event packets to acknowledge a command or to notify that its status has updated to the user application. The BlueNRG-MS only sends HCI event packets, but does not receive them. Figure 5. HCI event packet 2.4 HCI ACL data packet The ACL data packets are used to exchange data. Figure 6. HCI ACL data packet |