Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM1865 Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części UM1865
Szczegółowy opis  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 12Page - STMicroelectronics UM1865 Datasheet HTML 13Page - STMicroelectronics UM1865 Datasheet HTML 14Page - STMicroelectronics UM1865 Datasheet HTML 15Page - STMicroelectronics UM1865 Datasheet HTML 16Page - STMicroelectronics UM1865 Datasheet HTML 17Page - STMicroelectronics UM1865 Datasheet HTML 18Page - STMicroelectronics UM1865 Datasheet HTML 19Page - STMicroelectronics UM1865 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
Vendor specific commands
UM1865
16/132
DocID027514 Rev 1
Figure 8. Event parameter 0 format for VS events
The event parameter 0 is the first return parameter in the HCI event packets, following the
Parameter Length field. These 2 bytes together are defined as the BlueNRG-MS Event
Code (ECODE). ECODE is further divided into 2 fields: Event Group ID (EGIO) and Event
ID (EID). BlueNRG-MS combines the events into logical groups using the EGID. And the
EID is used to specify an event in the group. The EGID occupies 6-bits in the ECODE field
while the EID occupies the remaining 10 bits.
Table 5. EGID group
Event Group
Description
EGID
HCI
HCI extension events
0x0
GAP
Generic access profile commands
0x1
L2CAP
L2CAP events
0x2
GATT
Generic attribute profile events
0x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More